Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1075 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 3Page - Analog Devices ADM1075 Datasheet HTML 4Page - Analog Devices ADM1075 Datasheet HTML 5Page - Analog Devices ADM1075 Datasheet HTML 6Page - Analog Devices ADM1075 Datasheet HTML 7Page - Analog Devices ADM1075 Datasheet HTML 8Page - Analog Devices ADM1075 Datasheet HTML 9Page - Analog Devices ADM1075 Datasheet HTML 10Page - Analog Devices ADM1075 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Data Sheet
ADM1075
Rev. A | Page 7 of 52
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Total Response Time
180
300
ns
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 36 mV to 104 mV;
optional select through PMBus
610
950
ns
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 36 mV to 104 mV;
default at power-up
7
13
μs
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 36 mV to 104 mV;
optional select through PMBus
45
60
μs
VISET > 1.65 V; VSS ≥ 2 V; VSENSE step from 36 mV to 104 mV;
optional select through PMBus
SOFT START
SS Pull-Up Current, ISS
−11.5
−10
−8.5
μA
VSS = 0V
Default VSENSECL Limit
0.6
1.25
1.9
mV
When VSENSE reaches this level, ISS is enabled, ramping;
VSS = 0 V; ADM1075-1 only (gain = 50)
1.2
2.5
3.8
mV
When VSENSE reaches this level, ISS is enabled, ramping;
VSS = 0 V; ADM1075-2 only (gain = 25)
SS Pull-Down Current
100
μA
VSS = 1 V
TIMER
Timer Pull-Up Current (POR), ITIMERUPPOR
−4
−3
−2
μA
Initial power-on reset; VTIMER = 0.5 V
Timer Pull-Up Current (OC Fault), ITIMERUPFLT
−63
−60
−57
μA
Overcurrent fault; 0.05 V ≤ VTIMER ≤ 1 V
Timer Pull-Down Current (Retry), ITIMERDNRT
1.7
2
2.3
μA
After a fault when GATE is off; VTIMER = 0.5 V
Timer Retry/OC Fault Current Ratio
3.33
%
Defines the limits of the autoretry duty cycle
Timer Pull-Down Current (Hold), ITIMERDNHOLD
100
μA
Holds TIMER at 0 V when inactive; VTIMER = 0.5 V
Timer High Threshold, VTIMERH
0.98
1.0
1.02
V
Timer Low Threshold, VTIMERL
0.03
0.05
0.07
V
PLIM
PLIM Active Threshold
0.08
0.09
0.1
V
VISET > 1.65 V
Input Current, IPLIM
100
nA
VPLIM ≤ 1 V
Minimum Current Clamp, VICLAMP
75
100
125
mV
VPLIM = 1.2 V; VSENSE_IMIN = (VICLAMP ÷ gain) = minimum
allowed current control
DRAIN
DRAIN Voltage at Which PWRGD Asserts
1.9
2
2.1
V
IDRAIN ≤ 50 μA
ADC_AUX/ADC_V
Input Current
100
nA
0 V ≤ VADC ≤ 1.5 V
SHDN PIN
Input High Voltage, VIH
1.1
V
Input Low Voltage, VIL
0.8
V
Glitch Filter
1
μs
Internal Pull-Up Current
8
μA
Pull-up to VIN
RESTART PIN
Input High Voltage, VIH
1.1
V
Input Low Voltage, VIL
0.8
V
Glitch Filter
1
μs
Internal Pull-Up Current
8
μA
Pull-up to VIN
SPLYGD PIN
Output Low Voltage, VOL_LATCH
0.4
V
ISPLYGD = 1 mA
1.5
V
ISPLYGD = 5 mA
Leakage Current
100
nA
VSPLYGD ≤ 2 V; SPLYGD pin disabled
1
μA
VSPLYGD ≤ 14 V; SPLYGD pin disabled
LATCH PIN
Output Low Voltage, VOL_LATCH
0.4
V
ILATCH = 1 mA
1.5
V
ILATCH = 5 mA
Leakage Current
100
nA
VLATCH ≤ 2 V; LATCH pin disabled
1
μA
VLATCH ≤ 14 V; LATCH pin disabled
GPO1/ALERT1/CONV PIN
Output Low Voltage, VOL_GPO1
0.4
V
IGPO = 1 mA
1.5
V
IGPO = 5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com