Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1075 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 12Page - Analog Devices ADM1075 Datasheet HTML 13Page - Analog Devices ADM1075 Datasheet HTML 14Page - Analog Devices ADM1075 Datasheet HTML 15Page - Analog Devices ADM1075 Datasheet HTML 16Page - Analog Devices ADM1075 Datasheet HTML 17Page - Analog Devices ADM1075 Datasheet HTML 18Page - Analog Devices ADM1075 Datasheet HTML 19Page - Analog Devices ADM1075 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
ADM1075
Data Sheet
Rev. A | Page 16 of 52
0
200
400
600
800
1000
–50 –35 –20
–5
102540557085
100
115
TEMPERATURE (°C)
UVH
UVL
Figure 23. UVx Threshold vs. Temperature
0
200
400
600
800
1000
–50 –35 –20
–5
10
25
40
55
70
85
100
115
TEMPERATURE (°C)
Figure 24. OV Threshold vs. Temperature
–100
–80
–60
–40
–20
0
20
40
60
80
100
0
20
40
60
80
100
120
VSENSE (mV)
SENSE–
SENSE+
Figure 25. ISENSE vs. VSENSE
0
2
4
6
8
10
12
14
16
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 26. Restart Time vs. Temperature
0
100
200
300
400
500
600
700
800
900
1000
–50 –35 –20
–5
1025405570
85
100
115
TEMPERATURE (°C)
200ns GLITCH FILTER
900ns GLITCH FILTER
Figure 27. Severe OC Response vs. Temperature
0
10000
20000
30000
40000
50000
60000
–50 –35 –20
–5
10
25
40
55
70
85
100
115
TEMPERATURE (°C)
10.7µs GLITCH FILTER
57.5µs GLITCH FILTER
Figure 28. Severe OC Response vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com