Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1075 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 7Page - Analog Devices ADM1075 Datasheet HTML 8Page - Analog Devices ADM1075 Datasheet HTML 9Page - Analog Devices ADM1075 Datasheet HTML 10Page - Analog Devices ADM1075 Datasheet HTML 11Page - Analog Devices ADM1075 Datasheet HTML 12Page - Analog Devices ADM1075 Datasheet HTML 13Page - Analog Devices ADM1075 Datasheet HTML 14Page - Analog Devices ADM1075 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Data Sheet
ADM1075
Rev. A | Page 11 of 52
PIN CONFIGURATION AND FUNCTION DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VIN
UVH
UVL
VCAP
PLIM
OV
DRAIN
GATE
SENSE+
SENSE–
ADC_AUX
SPLYGD
VEE
ADC_V
ISET
SS
ADR
SHDN
LATCH
TIMER
PWRGD
SCL
SDAI
GPO1/ALERT1/CONV
RESTART
GPO2/ALERT2
SDAO
VEE_G
TOP VIEW
(Not to Scale)
ADM1075
Figure 3. TSSOP Pin Configuration
NOTES
1. EXPOSED PAD. SOLDER THE EXPOSED PAD TO THE BOARD TO
IMPROVE THERMAL DISSIPATION. THE EXPOSED PAD CAN BE
CONNECTED TO VEE.
1
OV
2
PLIM
3
VCAP
4
ADC_V
5
ISET
6
SS
7
TIMER
17 PWRGD
18 ADC_AUX
19 SPLYGD
20 VEE
21 SENSE–
16 SCL
15 SDAI
TOP VIEW
(Not to Scale)
ADM1075
Figure 4. LFCSP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
25
DRAIN
Connect to the drain pin of the FET through a resistor. The current in this resistor is used to
determine the VDS of the MOSFET. This is used for
PWRGD.
2
26
VIN
Shunt Regulated Positive Supply to Chip. Connect to the positive supply rail via a shunt resistor. A
1 μF capacitor to VEE is recommended on the VIN pin.
3
27
UVH
Undervoltage Rising Input Pin. An external resistor divider is used from the supply to this pin to
allow an internal comparator to detect if the supply is under the UVH limit.
4
28
UVL
Undervoltage Falling Input Pin. An external resistor divider is used from the supply to this pin to
allow an internal comparator to detect if the supply is under the UVL limit.
5
1
OV
Overvoltage Input Pin. An external resistor divider is used from the supply to this pin to allow an
internal comparator to detect if the supply is above the OV limit.
6
2
PLIM
The voltage on this pin is proportional to the VDS voltage of the FET. As the PLIM voltage changes,
the current limit automatically adjusts to maintain constant power across the FET.
7
3
VCAP
A capacitor with a value of 1 μF or greater should be placed on this pin to maintain good accuracy.
This is an internal regulated supply. This pin can be used as a reference to program the ISET pin
voltage.
8
4
ADC_V
This pin is used to read back the input voltage using the internal ADC. It can be connected to the OV
string or a separate divider.
9
5
ISET
This pin allows the current limit threshold to be programmed. The default limit is set when this pin is
connected directly to VCAP. Alternatively, using a resistor divider from VCAP, the current limit can be
adjusted to achieve a user defined sense voltage. An external reference can also be used.
10
6
SS
A capacitor is used on this pin to set the inrush current soft start ramp profile. The voltage on the
soft start pin controls the current sense voltage limit, allowing control over the inrush current
profile.
11
7
TIMER
Timer Pin. An external capacitor, CTIMER, sets an initial timing cycle delay and a fault delay. The GATE
pin turns off when the voltage on the TIMER pin exceeds the upper threshold.
12
8
LATCH
This pin signals the device latching off after an overcurrent fault. This pin is also used to configure
the desired retry scheme. See the Hot Swap Fault Retry section for additional details.
13
9
ADR
PMBus Address Pin. This pin can be tied low, tied to VCAP, left floating, or tied low through a resistor
to set four different PMBus addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com