Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCUN1208LP Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 31 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 27Page - Texas Instruments CDCUN1208LP Datasheet HTML 28Page - Texas Instruments CDCUN1208LP Datasheet HTML 29Page - Texas Instruments CDCUN1208LP Datasheet HTML 30Page - Texas Instruments CDCUN1208LP Datasheet HTML 31Page - Texas Instruments CDCUN1208LP Datasheet HTML 32Page - Texas Instruments CDCUN1208LP Datasheet HTML 33Page - Texas Instruments CDCUN1208LP Datasheet HTML 34Page - Texas Instruments CDCUN1208LP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
SDA
SCL
SDA Stable,
Data Valid
SDA State
Change
Permitted
STOP
SDA
SCL
START
MESSAGE BODY
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
I
2C Communication
The CDCUN1208LP incorporates an I2C port compliant with I2C Bus Specification V2.1 (7-bit addressing). Some
highlights are contained herein to provide clarity with respect to how communication between the host and the
CDCUN1208LP is facilitated. The I2C bus comprises two signals (clock – SCL, and data – SDA). I2C implements
a master-slave protocol and supports multi-master implementations. Unlike SPI that implements a chip select
signal for device level addressing and separate data signals for transmit and receive, I2C embeds the device
address in the serial data stream. Because of this, devices that reside on the I2C must have a unique bus
address. I2C also uses the protocol to control the direction of data flow through the data signaling line.
Message Transmission
Data and Address Bits
When transmitting address or data bits, the transmitter must only change the state of SDA when SCL is low.
During the time that SCL is high, SDA must be stable (no transitions).
Figure 35. I2C Data/Address Bit Transmission
Special Symbols – Start (S) and Stop (P)
Messages are framed by the master by generating a START and a STOP symbol. The START symbol is
signaled by transitioning the SDA line from high to low while the SCL line is high. The STOP symbol is signaled
by transitioning the SDA line from low to high while the SCL line is high.
Figure 36. I2C Bus START and STOP Symbol Generation
Special Symbols – Acknowledge (ACK)
The acknowledge symbol must be sent by the receiver during the 9th clock cycle after the transmitter sends a
byte of data. The transmitter allows the SDA pin to go high and the receiver pulls the line low to acknowledge the
receipt of the byte (leaving the SDA high indicates that the byte was not received). If this occurs the transmitter
issues a STOP and retransmits the message. If the receiver is not prepared to receive another byte, it can
suspend transmission by holding the SDA line low during the ACK time slot. When the receiver is ready to
receive another byte, it releases the SDA line.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com