Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCUN1208LP Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 34 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 30Page - Texas Instruments CDCUN1208LP Datasheet HTML 31Page - Texas Instruments CDCUN1208LP Datasheet HTML 32Page - Texas Instruments CDCUN1208LP Datasheet HTML 33Page - Texas Instruments CDCUN1208LP Datasheet HTML 34Page - Texas Instruments CDCUN1208LP Datasheet HTML 35Page - Texas Instruments CDCUN1208LP Datasheet HTML 36Page - Texas Instruments CDCUN1208LP Datasheet HTML 37Page - Texas Instruments CDCUN1208LP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
STOP
START
STOP
tBUS
tSU(START)
SDA
SCL
th(START)
tr(SM)
tSU(SDATA)
tW(SCLL)
tW(SCLH)
th(SDATA)
tr(SM)
tf(SM)
tf(SM)
tSU(STOP)
VIH(SM)
VIL(SM)
VIH(SM)
VIL(SM)
ACK
CDCUN1208LP
SCAS928 – MAY 2012
www.ti.com
I2C Timing
Figure 40 and Table 13 provide details regarding the timing requirements for I2C:
Figure 40. I2C Timing Diagram
Table 13. I2C Timing Requirements
SYMBOL
PARAMETER
MIN
MAX
UNITS
fSCL
SCL Clock Frequency
0
100
kHz
tsu(START)
START Setup Time (SCL high before SDA low)
4.7
µs
th(START)
START Hold Time (SCL low after SDA low)
4.0
µs
tw(SCLL)
SCL Low-pulse duration
4.7
µs
tw(SCLH)
SCL High-pulse duration
4.0
µs
th(SDA)
SDA Hold Time (SDA valid after SCL low)
0
3.45
µs
tsu(SDA)
SDA Setup Time
250
ns
tr
SCL / SDA input rise time
1000
ns
tf
SCL / SDA input fall time
300
ns
tsu(STOP)
STOP Setup Time
4.0
µs
tBUS
Bus free time between a STOP and START condition
4.7
µs
34
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com