Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCUN1208LP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 36 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 32Page - Texas Instruments CDCUN1208LP Datasheet HTML 33Page - Texas Instruments CDCUN1208LP Datasheet HTML 34Page - Texas Instruments CDCUN1208LP Datasheet HTML 35Page - Texas Instruments CDCUN1208LP Datasheet HTML 36Page - Texas Instruments CDCUN1208LP Datasheet HTML 37Page - Texas Instruments CDCUN1208LP Datasheet HTML 38Page - Texas Instruments CDCUN1208LP Datasheet HTML 39Page - Texas Instruments CDCUN1208LP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
INxP
INxN
100W
LVDS
INxP
INxN
50W (2)
HCSL
INxP
INxN
LVCMOS
CDCUN1208LP
ITTP
LVCMOS
HCSL
LVDS
NC
VDD
CDCUN1208LP
ITTP
LVCMOS
HCSL
LVDS
NC
VDD
CDCUN1208LP
ITTP
LVCMOS
HCSL
LVDS
NC
VDD
CDCUN1208LP
SCAS928 – MAY 2012
www.ti.com
DEVICE INPUTS (IN1, IN2)
Figure 43 shows how to interface certain common signaling formats to the device inputs of the CDCUN1208LP.
This entails both proper signal termination as well as input buffer configuration via the input type (ITTP) pin.
Figure 43. Common Interfaces to Device Inputs – DC Coupling
spacer
36
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com