Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCUN1208LP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 27 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 23Page - Texas Instruments CDCUN1208LP Datasheet HTML 24Page - Texas Instruments CDCUN1208LP Datasheet HTML 25Page - Texas Instruments CDCUN1208LP Datasheet HTML 26Page - Texas Instruments CDCUN1208LP Datasheet HTML 27Page - Texas Instruments CDCUN1208LP Datasheet HTML 28Page - Texas Instruments CDCUN1208LP Datasheet HTML 29Page - Texas Instruments CDCUN1208LP Datasheet HTML 30Page - Texas Instruments CDCUN1208LP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
DEVICE REGISTERS
Device Registers: Register 00-07
Register 00: OUT1
Register 01: OUT2
Register 02: OUT3
Register 03: OUT4
Register 04: OUT5
Register 05: OUT6
Register 06: OUT7
Register 07: OUT8
Table 10. CDCUN1208LP Register 0–7 Bit Definitions
RAM BIT
BIT NAME
RELATED BLOCK
DESCRIPTION / FUNCTION
POWER UP CONDITION
15
14
13
TI RESERVED
TI RESERVED
12
11
OUTx CMOS MODE
10
OUTx_CMOS_MODE
1 – both sides pseudo differential
0
0 – both sides in phase
9
OUTx Edge Rate Control
0
111 – Medium
8
0
OUTx_ERC[2:0]
100 - Fast
7
0
000 - Slow
6
0
TI RESERVED
TI RESERVED
5
0
OUTx Output Enable
Reg 00: OUT1
OTTP = LVCMOS
Reg 01: OUT2
11 – OUT1P: ON | OUT1N: ON
Reg 02: OUT3
4
0
10 – OUT1P: ON |OUT1N: OFF
Reg 03: OUT4
01 – OUT1P: OFF| OUT1N: ON
Reg 04: OUT5
OUTx_OE[1:0]
00 – OUT1P: OFF| OUT1N: OFF
Reg 05: OUT6
Reg 06: OUT7
OTTP = Differential (LVDS, HCSL)
Reg 08: OUT8
3
0
00 – OFF
11 - ON
2
OUTx Output Type
0
11 – HCSL
OUTx_OTTP[1:0]
10 – Reserved
1
0
01 – LVCMOS
00 - LVDS
OUTx Buffer
0
OUTx_PD
1 – Disabled
0
0 - Enabled
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com