Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCUN1208LP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 28 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 24Page - Texas Instruments CDCUN1208LP Datasheet HTML 25Page - Texas Instruments CDCUN1208LP Datasheet HTML 26Page - Texas Instruments CDCUN1208LP Datasheet HTML 27Page - Texas Instruments CDCUN1208LP Datasheet HTML 28Page - Texas Instruments CDCUN1208LP Datasheet HTML 29Page - Texas Instruments CDCUN1208LP Datasheet HTML 30Page - Texas Instruments CDCUN1208LP Datasheet HTML 31Page - Texas Instruments CDCUN1208LP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
CDCUN1208LP
SCAS928 – MAY 2012
www.ti.com
Table 11. CDCUN1208LP Registers 11–15 Bit Definitions
REGISTER
POWER UP
RAM BIT
BIT NAME
RELATED BLOCK
DESCRIPTION / FUNCTION
Address
CONDITION
15
TI RESERVED
14
TI RESERVED
13
TI RESERVED
12
TI RESERVED
11
TI RESERVED
10
TI RESERVED
9
TI RESERVED
8
TI RESERVED
0
7
TI RESERVED
0
6
TI RESERVED
0
5
IN_DIV[1]
Input Divider Control
0
1 1 = /8
11
Input
1 0 = /4
(IN2 – Divider)
4
IN_DIV[0]
0
0 1 = /2
0 0 = /1
3
IN_TYPE[1]
Input Type
0
1 1 = HCSL
Input(1)
1 0 = LVCMOS
(IN1 and IN2 Type)
2
IN_TYPE[0]
0
0 1 = LVCMOS
0 0 = LVDS
1
INSEL[1]
Input Multiplexer Control
0
1 1 = Control via INSEL pin
Input
1 0 = Smart MUX Enabled, IN
1=Primary
(Multiplexer)
0
INSEL[0]
0
0 1 = IN2 Buffer Selected
0 0 = IN1 Buffer Selected
12-14
ALL
TI RESERVED
2-15
TI RESERVED
Device Reset
1
RESET
1 = Reset Device
0
15
0 = Run Device
Device Power Down
0
PD
1 = Device is powered down
0
0 = Device is active
(1)
When configuring device inputs as LVCMOS, apply the signal-ended clock signal to INxP and leave INxN either floating or ground it.
The power supply voltage (1.8V, 2.5V, or 3.3V) applied to VDD (pin 5) establishes the switching thresholds for IN1 and IN2 in LVCMOS
mode.
28
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com