Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCUN1208LP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCUN1208LP
Description  400 MHz Low Power 2:8 Fan-Out Buffer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCUN1208LP Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCUN1208LP Datasheet HTML 11Page - Texas Instruments CDCUN1208LP Datasheet HTML 12Page - Texas Instruments CDCUN1208LP Datasheet HTML 13Page - Texas Instruments CDCUN1208LP Datasheet HTML 14Page - Texas Instruments CDCUN1208LP Datasheet HTML 15Page - Texas Instruments CDCUN1208LP Datasheet HTML 16Page - Texas Instruments CDCUN1208LP Datasheet HTML 17Page - Texas Instruments CDCUN1208LP Datasheet HTML 18Page - Texas Instruments CDCUN1208LP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
HCSL
SMA
(2)
50 W
PCB Trace
Oscilloscope
CH1
CH2
50 W
50 W
50 W
HCSL
Spec Analyzer
RF
(2)
SMA
(2)
Cable
BALUN
SMA
SMA
(2)
PCB Trace
Cable
50 W
50 W
50 W
50 W
50 W
50 W
Cable
PCB Trace
LVCMOS
Oscilloscope
CH1
CH2
SMA
8 pF
450 W
50 W
Spec Analyzer
RF
50 W
Cable
PCB Trace
SMA
LVCMOS
50 W
CDCUN1208LP
www.ti.com
SCAS928 – MAY 2012
Figure 13. CDCUN1208LP HCSL Output – Propagation Delay/Skew Measurement
Figure 14. CDCUN1208LP HCSL Output – Phase Noise/Jitter Measurement Configuration
Figure 15. CDCUN1208LP LVCMOS Output – Measurement Configuration
Figure 16. CDCUN1208LP LVCMOS Output – Phase Noise/Jitter Measurement Setup
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :CDCUN1208LP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com