| Electronic Components Datasheet Search |
|
EDJ8232B5MB Datasheet(PDF) 57 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
EDJ8232B5MB Datasheet(HTML) 57 Page - Elpida Memory |
|
57 / 142 page ![]() EDJ8232B5MB Data Sheet E1825E30 (Ver. 3.0) 57 4. tCL (avg) is defined as the average low pulse width, as calculated across any consecutive 200 low pulses. Σ N j = 1 tCL j (N tCK(avg)) N = 200 5. tJIT (duty) is defined as the cumulative set of tCH jitter and tCL jitter. tCH jitter is the largest deviation of any single tCH from tCH (avg). tCL jitter is the largest deviation of any single tCL from tCL (avg). tJIT (duty) is not subject to production test. tJIT (duty) = Min./Max. of {tJIT (CH), tJIT (CL)}, where: tJIT (CH) = {tCHj- tCH (avg) where j = 1 to 200} tJIT (CL) = {tCLj- tCL (avg) where j = 1 to 200} 6. tJIT (per) is defined as the largest deviation of any single tCK from tCK (avg). tJIT (per) = Min./Max. of { tCKj tCK (avg) where j = 1 to 200} tJIT (per) defines the single period jitter when the DLL is already locked. tJIT (per, lck) uses the same definition for single period jitter, during the DLL locking period only. tJIT (per) and tJIT (per, lck) are not subject to production test. 7. tJIT (cc) is defined as the absolute difference in clock period between two consecutive clock cycles: tJIT (cc) = Max. of {tCKj+1 - tCKj} tJIT (cc) is defines the cycle when the DLL is already locked. tJIT (cc, lck) uses the same definition for cycle-to-cycle jitter, during the DLL locking period only. tJIT (cc) and tJIT (cc, lck) are not subject to production test. 8. tERR (nper) is defined as the cumulative error across n multiple consecutive cycles from tCK (avg). tERR (nper) is not subject to production test. 9. n = from 13 cycles to 50 cycles. This row defines 38 parameters. 10. These parameters are specified per their average values, however it is understood that the following relationship between the average timing and the absolute instantaneous timing hold at all times. (minimum and maximum of spec values are to be used for calculations in the table below.) Parameter Symbol min. max. Unit Absolute clock period tCK (abs) tCK (avg)min. + tJIT (per)min. tCK (avg)max. + tJIT (per)max. ps Absolute clock high pulse width tCH (abs) tCH (avg)min. tCK (avg)min. + tJIT (duty)min. tCH (avg)max. tCK (avg)max. + tJIT (duty)max. ps Absolute clock low pulse width tCL (abs) tCL (avg)min. tCK (avg)min. + tJIT (duty)min. tCL (avg)max. tCK (avg)max. + tJIT (duty)max. ps 11. tCH (abs) is the absolute instantaneous clock high pulse width, as measured from one rising edge to the following falling edge. 12. tCL(abs) is the absolute instantaneous clock low pulse width, as measured from one falling edge to the following rising edge. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |