Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ8232B5MB Datasheet(PDF) 83 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 83 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 79Page - Elpida Memory EDJ8232B5MB Datasheet HTML 80Page - Elpida Memory EDJ8232B5MB Datasheet HTML 81Page - Elpida Memory EDJ8232B5MB Datasheet HTML 82Page - Elpida Memory EDJ8232B5MB Datasheet HTML 83Page - Elpida Memory EDJ8232B5MB Datasheet HTML 84Page - Elpida Memory EDJ8232B5MB Datasheet HTML 85Page - Elpida Memory EDJ8232B5MB Datasheet HTML 86Page - Elpida Memory EDJ8232B5MB Datasheet HTML 87Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
83
[Self-Refresh Mode Summary]
MR2
A6
A7
Self-refresh operation
Allowed operating temperature range
for self-refresh mode
0
0
Self-refresh rate appropriate for the Normal Temperature Range
Normal (0
C to +85C)
0
1
Self-refresh rate appropriate for either the Normal or Extended
Temperature Ranges. The DRAM must support Extended
Temperature Range. The value of the SRT bit can effect self-
refresh power consumption, please refer to the Self- refresh
Current for details.
Normal and Extended (0
C to +95C)
1
0
ASR enabled (for devices supporting ASR and Normal
Temperature Range). Self-refresh power consumption is
temperature dependent
Normal (0
C to +85C)
1
0
ASR enabled (for devices supporting ASR and Extended
Temperature Range). Self-refresh power consumption is
temperature dependent
Normal and Extended (0
C to +95C)
1
1
Illegal
Dynamic ODT (Rtt_WR)
DDR3 SDRAM introduces a new feature “Dynamic ODT”. In certain application cases and to further enhance signal
integrity on the data bus, it is desirable that the termination strength of the DDR3 SDRAM can be changed without
issuing an MRS command.
MR2 register locations A9 and A10 configure the Dynamic ODT settings. In write
leveling mode, only RTT_Nom is available. For details on Dynamic ODT operation, refer to “Dynamic ODT”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com