| Electronic Components Datasheet Search |
|
EDJ8232B5MB Datasheet(PDF) 79 Page - Elpida Memory |
|
|
|||||||||||||||||||||||||||||
EDJ8232B5MB Datasheet(HTML) 79 Page - Elpida Memory |
|
79 / 142 page ![]() EDJ8232B5MB Data Sheet E1825E30 (Ver. 3.0) 79 Write Leveling (MR1) For better signal integrity, DDR3 memory module adopts fly by topology for the commands, addresses, control signals and clocks. The fly by topology has benefits for reducing number of stubs and their length but in other aspect, causes flight time skew between clock and strobe at every DRAM on DIMM. It makes Controller hard to maintain tDQSS, tDSS and tDSH specification. Therefore, the controller should support ’write leveling’ in DDR3 SDRAM to compensate the skew. Write leveling is a scheme to adjust DQS to CK relationship by the controller, with a simple feedback provided by the DRAM. The memory controller involved in the leveling must have adjustable delay setting on DQS to align the rising edge of DQS with that of the clock at the DRAM pin. DRAM asynchronously feeds back CK, sampled with the rising edge of DQS, through the DQ bus. The controller repeatedly delays DQS until a transition from 0 to 1 is detected. The DQS delay established through this exercise would ensure tDQSS, tDSS and tDSH specification. A conceptual timing of this scheme is shown as below. diff_Clock Source Destination Push DQS to capture 0-1 transition diff_DQS diff_Clock diff_DQS DQ DQ X0 0 X1 1 Write Leveling Concept DQS, /DQS driven by the controller during leveling mode must be terminated by the DRAM, based on the ranks populated. Similarly, the DQ bus driven by the DRAM must also be terminated at the controller. One or more data bits should carry the leveling feedback to the controller, each byte lane should be leveled independently. Therefore, a separate feedback mechanism should be available for each byte lane. DRAM Setting for Write Leveling and DRAM Termination Function in That Mode DRAM enters into write leveling mode if A7 in MR1 set 1. And after finishing leveling, DRAM exits from write leveling mode if A7 in MR1 set 0 (MR1 Setting Involved in the Leveling Procedure table). Note that in write leveling mode, only DQS/DQS terminations are activated and deactivated via ODT pin, not like normal operation (refer to the DRAM Termination Function in The Leveling Mode table) [MR1 Setting Involved in the Leveling Procedure] Function MR1 bit Enable Disable Note Write leveling enable A7 1 0 Output buffer mode (Qoff) A12 0 1 1 Note: 1. Output buffer mode definition is consistent with DDR2 [DRAM Termination Function in The Leveling Mode] ODT pin@DRAM DQS, /DQS termination DQs termination De-asserted Off Off Asserted On Off Note: In write leveling mode with its output buffer disabled (MR1 [bit7] = 1 with MR1 [bit12] = 1) all RTT_Nom settings are allowed; in write leveling mode with its output buffer enabled (MR1 [bit7] = 1 with MR1 [bit12] = 0) only RTT_Nom settings of RZQ/2, RZQ/4 and RZQ/6 are allowed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |