Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ8232B5MB Datasheet(PDF) 1 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 1 Page - Elpida Memory

  EDJ8232B5MB Datasheet HTML 1Page - Elpida Memory EDJ8232B5MB Datasheet HTML 2Page - Elpida Memory EDJ8232B5MB Datasheet HTML 3Page - Elpida Memory EDJ8232B5MB Datasheet HTML 4Page - Elpida Memory EDJ8232B5MB Datasheet HTML 5Page - Elpida Memory EDJ8232B5MB Datasheet HTML 6Page - Elpida Memory EDJ8232B5MB Datasheet HTML 7Page - Elpida Memory EDJ8232B5MB Datasheet HTML 8Page - Elpida Memory EDJ8232B5MB Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
Document No. E1825E30 (Ver. 3.0)
Date Published March 2012 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2011-2012
DATA SHEET
8G bits DDR3 SDRAM, DDP
EDJ8232B5MB (256M words
 32 bits)
Specifications
 Density: 8G bits
 Organization
 32M words  32 bits  8 banks
 Package
 136-ball FBGA
 DDP: 2 pieces of 4G bits chip sealed in one
package
 Lead-free (RoHS compliant) and Halogen-free
 Power supply: VDD, VDDQ  1.5V  0.075V
 Data rate
 1600Mbps/1333Mbps (max.)
 4KB page size
 Row address: A0 to A14
 Column address: A0 to A9
 Eight internal banks for concurrent operation
 Interface: SSTL_15
 Burst lengths (BL): 8 and 4 with Burst Chop (BC)
 Burst type (BT):
 Sequential (8, 4 with BC)
 Interleave (8, 4 with BC)
 /CAS Latency (CL): 5, 6, 7, 8, 9, 10, 11
 /CAS Write Latency (CWL): 5, 6, 7, 8
 Precharge: auto precharge option for each burst
access
 Driver strength: RZQ/7, RZQ/6 (RZQ = 240)
 Refresh: auto-refresh, self-refresh
 Refresh cycles
 Average refresh period
7.8
s at 0C  TC  85C
3.9
s at 85C  TC  95C
 Operating case temperature range
 TC = 0C to +95C
Features
 Double-data-rate architecture: two data transfers per
clock cycle
 The high-speed data transfer is realized by the 8 bits
prefetch pipelined architecture
 Bi-directional differential data strobe (DQS and /DQS)
is transmitted/received with data for capturing data at
the receiver
 DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
 Differential clock inputs (CK and /CK)
 DLL aligns DQ and DQS transitions with CK
transitions
 Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
 Data mask (DM) for write data
 Posted /CAS by programmable additive latency for
better command and data bus efficiency
 On-Die Termination (ODT) for better signal quality
 Synchronous ODT
 Dynamic ODT
 Asynchronous ODT
 Multi Purpose Register (MPR) for pre-defined pattern
read out
 ZQ calibration for DQ drive and ODT
 Programmable Partial Array Self-Refresh (PASR)
 /RESET pin for Power-up sequence and reset
function
 SRT range:
 Normal/extended
 Programmable Output driver impedance control


Similar Part No. - EDJ8232B5MB

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ8232E5MB ELPIDA-EDJ8232E5MB Datasheet
1Mb / 142P
8G bits DDR3L SDRAM, DDP
EDJ8232E5MB-DJ-F ELPIDA-EDJ8232E5MB-DJ-F Datasheet
1Mb / 142P
8G bits DDR3L SDRAM, DDP
EDJ8232E5MB-GN-F ELPIDA-EDJ8232E5MB-GN-F Datasheet
1Mb / 142P
8G bits DDR3L SDRAM, DDP
More results

Similar Description - EDJ8232B5MB

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1104BDSE ELPIDA-EDJ1104BDSE Datasheet
1Mb / 147P
1G bits DDR3 SDRAM
EDJ1104BASE ELPIDA-EDJ1104BASE Datasheet
1Mb / 148P
1G bits DDR3 SDRAM
EDJ1104BBSE ELPIDA-EDJ1104BBSE Datasheet
1Mb / 151P
1G bits DDR3 SDRAM
EDJ1104BFBG ELPIDA-EDJ1104BFBG Datasheet
1Mb / 147P
1G bits DDR3 SDRAM
EDJ1108BDBG ELPIDA-EDJ1108BDBG Datasheet
1Mb / 147P
1G bits DDR3 SDRAM
EDJ5304BASE ELPIDA-EDJ5304BASE Datasheet
1Mb / 130P
512M bits DDR3 SDRAM
EDJ8216E5MB ELPIDA-EDJ8216E5MB Datasheet
1Mb / 142P
8G bits DDR3L SDRAM, DDP
EDJ8232E5MB ELPIDA-EDJ8232E5MB Datasheet
1Mb / 142P
8G bits DDR3L SDRAM, DDP
logo
Hynix Semiconductor
H5TQ4G43MMR HYNIX-H5TQ4G43MMR Datasheet
720Kb / 73P
4Gb DDR3 SDRAM DDP(2Gbx2)
logo
Kingston Technology Far...
D1028AN9CPGRK-U KINGSTON-D1028AN9CPGRK-U Datasheet
1Mb / 41P
8G bits DDR4 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com