Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ8232B5MB Datasheet(PDF) 28 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 28 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 24Page - Elpida Memory EDJ8232B5MB Datasheet HTML 25Page - Elpida Memory EDJ8232B5MB Datasheet HTML 26Page - Elpida Memory EDJ8232B5MB Datasheet HTML 27Page - Elpida Memory EDJ8232B5MB Datasheet HTML 28Page - Elpida Memory EDJ8232B5MB Datasheet HTML 29Page - Elpida Memory EDJ8232B5MB Datasheet HTML 30Page - Elpida Memory EDJ8232B5MB Datasheet HTML 31Page - Elpida Memory EDJ8232B5MB Datasheet HTML 32Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
28
6. Measurement Definition for VM and
VM:
Measure voltage (VM) at test pin (midpoint) with no load:
100
1
-
VDDQ
VM
2
VM


 
ODT Temperature and Voltage Sensitivity
If temperature and/or voltage change after calibration, the tolerance limits widen according to the table ODT
Sensitivity Definition and ODT Voltage and Temperature Sensitivity.
T = T  T (@calibration); V= VDDQ  VDDQ (@calibration); VDD = VDDQ
Note: dRTTdT and dRTTdV are not subject to production test but are verified by design and characterization.
[ODT Sensitivity Definition]
min.
max.
Unit
RTT
0.9
 dRTTdT  |ΔT| - dRTTdV  |ΔV|
1.6 + dRTTdT
|ΔT| + dRTTdV  |ΔV|
RZQ/2, 4, 6, 8, 12
[ODT Voltage and Temperature Sensitivity]
min.
max.
Unit
dRTTdT
0
1.5
%/
C
dRTTdV
0
0.15
%/mV
ODT Timing Definitions
Test Load for ODT Timings
Different than for timing measurements, the reference load for ODT timings are defined in ODT Timing Reference
Load.
RTT = 25
VDDQ
CK, /CK
VTT = VSSQ
DUT
DQ
DQS,
/DQS
ODT Timing Reference Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com