Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDJ8232B5MB Datasheet(PDF) 87 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 87 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 83Page - Elpida Memory EDJ8232B5MB Datasheet HTML 84Page - Elpida Memory EDJ8232B5MB Datasheet HTML 85Page - Elpida Memory EDJ8232B5MB Datasheet HTML 86Page - Elpida Memory EDJ8232B5MB Datasheet HTML 87Page - Elpida Memory EDJ8232B5MB Datasheet HTML 88Page - Elpida Memory EDJ8232B5MB Datasheet HTML 89Page - Elpida Memory EDJ8232B5MB Datasheet HTML 90Page - Elpida Memory EDJ8232B5MB Datasheet HTML 91Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
87
Protocol Examples
Protocol Example: Read Out Predetermined Read-Calibration Pattern
Multiple reads from Multi Purpose Register, in order to do system level read timing calibration based on
predetermined and standardized pattern.
Protocol Steps:
 Precharge All
 Wait until tRP is satisfied
 MRS MR3, op-code “A2 = 1 “ and “A[1:0] = 00“
 Redirect all subsequent reads into the Multi Purpose Register, and load Pre-defined pattern into MPR.
 Wait until tMRD and tMOD are satisfied (Multi Purpose Register is then ready to be read). During the period
MR3 A2 =1, no data write operation is allowed.
 Read:
 A [1:0] = ‘00’ (Data burst order is fixed starting at nibble, always 00 here)
 A [2] = ‘0’ (For BL8, burst order is fixed as 0,1,2,3,4,5,6,7)
 A12(/BC) = 1 (use regular burst length of 8)
 All other address pins (including BA [2:0] and A10(AP)): don’t care.
 After RL = AL + CL, DRAM bursts out the predefined Read Calibration Pattern.
 Memory controller repeats these calibration reads until read data capture at memory controller is optimized.
 After end of last MPR read burst wait until tMPRR is satisfied.
 MRS MR3, op-code “A2 = 0“ and “A[1:0] = valid data but value are don’t care“
 All subsequent read and write accesses will be regular READs and WRITEs from/to the DRAM array.
 Wait until tMRD and tMOD are satisfied
 Continue with “regular” DRAM commands, like activate a memory bank for regular read or write access,
3
3
Valid
1
0
0
*2
00
00
Valid
1
0
Valid
0
0
Valid
*1
0
0
Valid
0
0
Valid
0
Valid
0
*2
tMOD
*1
tMRD
RL
Notes: 1. READ with BL8 either by MRS or OTF
2. Memory Control must drive 0 on A[2:0]
VIH or VIL
CK
Command
BA
A[1:0]
A[2]
A[9:3]
A10(AP)
A[11]
A12(/BC)
A[15:13]
DQS, /DQS
DQ
tMPRR
PALL
MRS
NOP
NOP
READ
NOP
MRS
NOP
T0
T4
T5
T9
T17 T18 T19 T20 T21 T22 T23 T24 T25 T26 T27 T28 T29 T30 T31
T39
tRP
tMOD
0
/CK
MPR Readout of Predefined Pattern, BL8 fixed Burst Order, Single Readout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com