Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5642A Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
22
Freescale Semiconductor
Introduction
•
Zero wait states for each write/read operations to the CRC_CFG and CRC_INP registers at the maximum frequency
1.5.22
Error correction status module (ECSM)
The ECSM provides a myriad of miscellaneous control functions regarding program-visible information about the platform
configuration and revision levels, a reset status register, a software watchdog timer, wakeup control for exiting sleep modes,
and information on platform memory errors reported by error-correcting codes and/or generic access error information for
certain processor cores.
The Error Correction Status Module supports a number of miscellaneous control functions for the platform. The ECSM includes
these features:
•
Registers for capturing information on platform memory errors if error-correcting codes (ECC) are implemented
•
For test purposes, optional registers to specify the generation of double-bit memory errors are enabled on the
MPC5642A.
The sources of the ECC errors are:
•
Flash memory
•SRAM
•
Peripheral RAM (FlexRay, CAN, eTPU2 parameter RAM)
1.5.23
Peripheral bridge (PBRIDGE)
The PBRIDGE implements the following features:
•
Duplicated periphery
•
Master access privilege level per peripheral (per master: read access enable; write access enable)
•
Write buffering for peripherals
•
Checker applied on PBRIDGE output toward periphery
•
Byte endianess swap capability
1.5.24
Calibration bus interface
The calibration bus interface controls data transfer across the crossbar switch to/from memories or peripherals attached to the
VertiCal connector in the calibration address space. The calibration bus interface is only available in the VertiCal Calibration
System.
Features include:
•
3.3 V ± 10% I/O (3.0 V to 3.6 V)
•
Memory controller supports various memory types
•
16-bit data bus, up to 22-bit address bus
•
Pin muxing supports 32-bit muxed bus
•
Selectable drive strength
•
Configurable bus speed modes
•
Bus monitor
•
Configurable wait states
1.5.25
Power management controller (PMC)
The PMC contains circuitry to generate the internal 3.3 V supply and to control the regulation of 1.2 V supply with an external
NPN ballast transistor. It also contains low voltage inhibit (LVI) and power-on reset (POR) circuits for the 1.2 V supply, the
3.3 V supply, the 3.3 V/5 V supply of the closest I/O segment (VDDEH1), and the 5 V supply of the regulators (VDDREG).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com