Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5642A Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 120 page
background image
MSEO[0]
Nexus message start/end out
P
01
224
O
VDDEH7 /
MultiV
—
MSEO[0] / —
118
C15
G21
MSEO[1]
Nexus message start/end out
P
01
225
O
VDDEH7 /
MultiV
—
MSEO[1] / —
117
E16
G22
RDY
Nexus ready output
P
01
226
O
VDDEH7 /
MultiV
——
—
—
G19
JTAG
TCK
JTAG test clock input
P
01
—
I
VDDEH7 /
MultiV
TCK / Down
TCK / Down
128
C16
D21
TDI
JTAG test data input
P
01
232
I
VDDEH7 /
MultiV
TDI / Up
TDI / Up
130
E14
D22
TDO
JTAG test data output
P
01
228
O
VDDEH7 /
MultiV
TDO / Up
TDO / Up
123
F14
E21
TMS
JTAG test mode select input
P
01
—
I
VDDEH7 /
MultiV
TMS / Up
TMS / Up
131
D14
E20
JCOMP
JTAG TAP controller enable
P
01
—
I
VDDEH7 /
MultiV
JCOMP / Down
JCOMP / Down
121
F16
F20
FlexCAN
CAN_A_TX
SCI_A_TX
GPIO[83]
FlexCAN A transmit
eSCI A transmit
GPIO
P
A1
G
01
10
00
83
O
O
I/O
VDDEH6 /
Slow
— / Up
— / Up
81
P12
AB19
CAN_A_RX
SCI_A_RX
GPIO[84]
FlexCAN A receive
eSCI A receive
GPIO
P
A1
G
01
10
00
84
I
I
I/O
VDDEH6 /
Slow
— / Up
— / Up
82
R12
Y19
CAN_B_TX
DSPI_C_PCS[3]
SCI_C_TX
GPIO[85]
FlexCAN B transmit
DSPI C peripheral chip select
eSCI C transmit
GPIO
P
A1
A2
G
001
010
100
000
85
O
O
O
I/O
VDDEH6 /
Slow
— / Up
— / Up
88
T12
Y22
CAN_B_RX
DSPI_C_PCS[4]
SCI_C_RX
GPIO[86]
FlexCAN B receive
DSPI C peripheral chip select
eSCI C receive
GPIO
P
A1
A2
G
001
010
100
000
86
I
O
I
I/O
VDDEH6 /
Slow
— / Up
— / Up
89
R13
W21
CAN_C_TX
DSPI_D_PCS[3]
GPIO[87]
FlexCAN C transmit
DSPI D peripheral chip select
GPIO
P
A1
G
01
10
00
87
O
O
I/O
VDDEH6 /
Medium
— / Up
— / Up
101
K13
P19
CAN_C_RX
DSPI_D_PCS[4]
GPIO[88]
FlexCAN C receive
DSPI D peripheral chip select
GPIO
P
A1
G
01
10
00
88
I
O
I/O
VDDEH6 /
Slow
— / Up
— / Up
98
L14
V20
eSCI
Table 3. MPC5642A signal properties (continued)
Name1
Function2
P / A / G3
PCR
PA
field4
PCR5
I/O
type
Voltage6 /
Pad type7
Status8
Package pin No.
During reset
After reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com