Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5642A Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
76
Freescale Semiconductor
Electrical characteristics
VILEXT
CC D EXTAL input low voltage
Crystal mode13
—Vxtal
– 0.4
V
TExternal
reference13,14
0VRC33/2
– 0.4
—
CC T XTAL load capacitance
—
5
30
pF
—
CC C XTAL load capacitance11
4MHz
5
30
pF
8MHz
5
26
12 MHz
5
23
16 MHz
5
19
20 MHz
5
16
40 MHz
5
8
tlpll
CC P PLL lock time11,15
——
200
µs
tdc
CC D Duty cycle of reference
—
40
60
%
fLCK
CC D Frequency LOCK range
—
–6
6
% fsys
fUL
CC D Frequency un-LOCK range
—
–18
18
% fsys
fCS
fDS
CC D Modulation depth
Center spread
±0.25
±4.0
% fsys
D
Down spread
–0.5
–8.0
fMOD
CC D Modulation frequency16
——
100
kHz
1 All values given are initial design targets and subject to change.
2 Considering operation with PLL not bypassed
3 All internal registers retain data at 0 Hz.
4 “Loss of Reference Frequency” window is the reference frequency range outside of which the PLL is in self clocked
mode.
5 Self clocked mode frequency is the frequency that the PLL operates at when the reference frequency falls outside
the fLOR window.
6 f
VCO self clock range is 20–150 MHz. fSCM represents fSYS after PLL output divider (ERFD) of 2 through 16 in
enhanced mode.
7 This value is determined by the crystal manufacturer and board design.
8 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum
fSYS. Measurements are made with the device powered by filtered supplies and clocked by a stable external clock
signal. Noise injected into the PLL circuitry via VDDPLL and VSSPLL and variation in crystal oscillator frequency
increase the CJITTER percentage for a given interval.
9 Proper PC board layout procedures must be followed to achieve specifications.
10 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of C
JITTER and
either fCS or fDS (depending on whether center spread or down spread modulation is enabled).
11 This value is determined by the crystal manufacturer and board design. For 4 MHz to 40 MHz crystals specified for
this PLL, load capacitors should not exceed these limits.
12 Proper PC board layout procedures must be followed to achieve specifications.
13 This parameter is guaranteed by design rather than 100% tested.
Table 25. PLLMRFM electrical specifications1
(VDDPLL = 1.08 V to 3.6 V, VSS = VSSPLL = 0 V, TA = TL to TH) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com