Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5642A Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
57
Electrical characteristics
6 All functional non-supply I/O pins are clamped to V
SS and VDDE, or VDDEH.
7 Internal structures hold the voltage greater than –1.0 V if the injection current limit of 2 mA is met.
8 AC signal overshoot and undershoot of up to 2.0 V of the input voltages is permitted for an accumulative duration of
60 hours over the complete lifetime of the device (injection current not limited for this duration).
9 Internal structures hold the input voltage less than the maximum voltage on all pads powered by V
DDEH supplies, if
the maximum injection current specification is met (2 mA for all pins) and VDDEH is within the operating voltage
specifications.
10 Internal structures hold the input voltage less than the maximum voltage on all pads powered by V
DDE supplies, if
the maximum injection current specification is met (2 mA for all pins) and VDDE is within the operating voltage
specifications.
11 Total injection current for all pins (including both digital and analog) must not exceed 25 mA.
12 Total injection current for all analog input pins must not exceed 15 mA.
13 Lifetime operation at these specification limits is not guaranteed.
14 Solder profile per IPC/JEDEC J-STD-020D
15 Moisture sensitivity per JEDEC test method A112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com