Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5642A Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
63
Electrical characteristics
Table 15. PMC electrical characteristics
ID
Name
C
Parameter
Value
Unit
Min
Typ
Max
1VBG
CC C Nominal bandgap voltage reference
—
1.219
—
V
1a
—
CC C Untrimmed bandgap reference voltage
VBG %VBG
VBG +6%
V
1b
—
CC C Trimmed bandgap reference voltage (5 V,
27 °C)
VBG
 10mV
VBG
VBG
+ 10mV
V
1c
—
CC C Bandgap reference temperature variation
—
100
—
ppm/°C
1d
—
CC C Bandgap reference supply voltage variation
—
3000
—
ppm/V
2VDD
CC C Nominal VDD core supply internal regulator
target DC output voltage1
—1.28
—
V
2a
—
CC C Nominal VDD core supply internal regulator
target DC output voltage variation at
power-on reset
VDD 6%
VDD
VDD + 10%
V
2b
—
CC C Nominal VDD core supply internal regulator
target DC output voltage variation after
power-on reset
VDD  10%
2
VDD
VDD +3%
V
2c
—
CC C Trimming step VDD
—20
—
mV
2d
IVRCCTL
CC C Voltage regulator controller for core supply
maximum DC output current
20
—
—
mA
3
Lvi1p2
CC C Nominal LVI for rising core supply3
—
1.160
—
V
3a
—
CC C Variation of LVI for rising core supply at
power-on reset4
1.120
1.200
1.280
V
3b
—
CC C Variation of LVI for rising core supply after
power-on reset4
Lvi1p2
 3%
Lvi1p2
Lvi1p2
+3%
V
3c
—
CC C Trimming step LVI core supply
—
20
—
mV
3d
Lvi1p2_h
CC C LVI core supply hysteresis
—
40
—
mV
4
Por1.2V_r CC C POR 1.2 V rising
—
0.709
—
V
4a
—
CC C POR 1.2 V rising variation
Por1.2V_r
 35%
Por1.2V_r
Por1.2V_r
+35%
V
4b Por1.2V_f CC C POR 1.2 V falling
—
0.638
—
V
4c
—
CC C POR 1.2 V falling variation
Por1.2V_f
 35%
Por1.2V_f
Por1.2V_f
+35%
V
5VDD33
CC C Nominal 3.3 V supply internal regulator DC
output voltage
—3.39
—
V
5a
—
CC C Nominal 3.3 V supply internal regulator DC
output voltage variation at power-on reset
VDD33
 8.5%
VDD33
VDD33 +7%
V
5b
—
CC C Nominal 3.3 V supply internal regulator DC
output voltage variation after power-on
reset5
VDD33
 7.5%
VDD33
VDD33 +7%
V
5c
—
CC C Voltage regulator 3.3 V output impedance at
maximum DC load
——
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com