Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5642A Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 120 page
background image
ETPUA6
ETPUA18_O
DSPI_B_SCK_LVDS+
FR_B_RX
GPIO[120]
eTPU A channel
eTPU A channel (output only)
LVDS positive DSPI clock
FlexRay receive data channel B
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
120
I/O
O
O
I
I/O
VDDEH4 /
Medium +
LVDS
— /
WKPCFG
— /
WKPCFG
53
L3
AB10
ETPUA7
ETPUA19_O
DSPI_B_SOUT_LVDS
ETPUA6_O
GPIO[121]
eTPU A channel
eTPU A channel (output only)
LVDS negative DSPI data out
eTPU A channel (output only)
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
121
I/O
O
O
O
I/O
VDDEH4 /
Slow +
LVDS
— /
WKPCFG
— /
WKPCFG
52
K3
AA10
ETPUA8
ETPUA20_O
DSPI_B_SOUT_LVDS+
GPIO[122]
eTPU A channel
eTPU A channel (output only)
LVDS positive DSPI data out
GPIO
P
A1
A2
G
001
010
100
000
122
I/O
O
O
I/O
VDDEH4 /
Slow +
LVDS
— /
WKPCFG
— /
WKPCFG
51
N1
Y10
ETPUA9
ETPUA21_O
RCH1_B
GPIO[123]
eTPU A channel
eTPU A channel (output only)
Reaction channel 1B
GPIO
P
A1
A2
G
001
010
100
000
123
I/O
O
O
I/O
VDDEH4 /
Slow
— /
WKPCFG
— /
WKPCFG
50
M2
AA9
ETPUA10
ETPUA22_O
RCH1_C
GPIO[124]
eTPU A channel
eTPU A channel (output only)
Reaction channel 1C
GPIO
P
A1
A2
G
001
010
100
000
124
I/O
O
O
I/O
VDDEH1 /
Slow
— /
WKPCFG
— /
WKPCFG
49
M1
AA4
ETPUA11
ETPUA23_O
RCH4_B
GPIO[125]
eTPU A channel
eTPU A channel (output only)
Reaction channel 4B
GPIO
P
A1
A2
G
001
010
100
000
125
I/O
O
O
I/O
VDDEH1 /
Slow
— /
WKPCFG
— /
WKPCFG
48
L2
AB4
ETPUA12
DSPI_B_PCS[1]
RCH4_C
GPIO[126]
eTPU A channel
DSPI B peripheral chip select
Reaction channel 4C
GPIO
P
A1
A2
G
001
010
100
000
126
I/O
O
O
I/O
VDDEH1 /
Medium
— /
WKPCFG
— /
WKPCFG
47
L1
AB3
ETPUA13
DSPI_B_PCS[3]
GPIO[127]
eTPU A channel
DSPI B peripheral chip select
GPIO
P
A1
G
01
10
00
127
I/O
O
I/O
VDDEH1 /
Medium
— /
WKPCFG
— /
WKPCFG
46
J4
AB2
ETPUA14
DSPI_B_PCS[4]
ETPUA9_O
RCH0_A
GPIO[128]
eTPU A channel
DSPI B peripheral chip select
eTPU A channel (output only)
Reaction channel 0A
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
128
I/O
O
O
O
I/O
VDDEH1 /
Medium
— /
WKPCFG
— /
WKPCFG
42
J3
AA2
ETPUA15
DSPI_B_PCS[5]
RCH1_A
GPIO[129]
eTPU A channel
DSPI B peripheral chip select
Reaction channel 1A
GPIO
P
A1
A2
G
001
010
100
000
129
I/O
O
O
I/O
VDDEH1 /
Medium
— /
WKPCFG
— /
WKPCFG
40
K2
AA1
ETPUA16
DSPI_D_PCS[1]
RCH2_A
GPIO[130]
eTPU A channel
DSPI D peripheral chip select
Reaction channel 2A
GPIO
P
A1
A2
G
001
010
100
000
130
I/O
O
O
I/O
VDDEH1 /
Slow
— /
WKPCFG
— /
WKPCFG
39
K1
Y2
Table 3. MPC5642A signal properties (continued)
Name1
Function2
P / A / G3
PCR
PA
field4
PCR5
I/O
type
Voltage6 /
Pad type7
Status8
Package pin No.
During reset
After reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com