Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8653FC Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
MMA8653FC
Sensors
Freescale Semiconductor, Inc.
23
6.3.2
0x01: OUT_X_MSB, Accelerometer X-axis data register
6.3.3
0x02: OUT_X_LSB, Accelerometer X-axis data register
6.3.4
0x03: OUT_Y_MSB, Accelerometer Y-axis data register
6.3.5
0x04: OUT_Y_LSB, Accelerometer Y-axis data register
6.3.6
0x05: OUT_Z_MSB, Accelerometer Z-axis data register
6.3.7
0x06: OUT_Z_LSB, Accelerometer Z-axis data register
These registers contain the X-axis, Y-axis, and Z-axis10-bit output sample data expressed as 2's complement numbers.
Figure 16. 0x01: OUT_X_MSB, X_MSB Register (Read Only)
Figure 17. 0x02: OUT_X_LSB, X_LSB Register (Read Only)
Figure 18. 0x03: OUT_Y_MSB, Y_MSB Register (Read Only)
Figure 19. 0x04: OUT_Y_LSB, Y_LSB Register (Read Only)
Figure 20. 0x05: OUT_Z_MSB, Z_MSB Register (Read Only)
Figure 21. 0x06: OUT_Z_LSB, Z_LSB Register (Read Only)
OUT_X_MSB, OUT_X_LSB, OUT_Y_MSB, OUT_Y_LSB, OUT_Z_MSB, and OUT_Z_LSB are stored in the auto-incrementing
address range of 0x01 to 0x06 to reduce reading the status followed by 10-bit axis data to 7 bytes. If the F_READ bit is set (0x2A
bit 1), auto increment will skip over LSB registers. This will shorten the data acquisition from 7 bytes to 4 bytes. The LSB registers
can only be read immediately following the read access of the corresponding MSB register. A random read access to the LSB
registers is not possible. Reading the MSB register and then the LSB register in sequence ensures that both bytes (LSB and
MSB) belong to the same data sample, even if a new data sample arrives between reading the MSB and the LSB byte.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XD9
XD8
XD7
XD6
XD5
XD4
XD3
XD2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XD1
XD0
000000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
YD9
YD8
YD7
YD6
YD5
YD4
YD3
YD2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
YD1
YD0
0
00000
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZD9ZD8
ZD7ZD6ZD5ZD4ZD3ZD2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZD1
ZD0
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com