Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8653FC Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
MMA8653FC
Sensors
Freescale Semiconductor, Inc.
27
6.4.4
0x0E: XYZ_DATA_CFG Register
The XYZ_DATA_CFG register sets the dynamic range.
Figure 25. 0x0E: XYZ_DATA_CFG Register (Read/Write)
The default full scale value range is 2g.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
000
0
0
FS1
FS0
Table 16. XYZ_DATA_CFG register
Field
Description
FS[1:0]
Output buffer data format full scale. Default value: 00 (2g).
Table 17. Full Scale Range
FS1
FS0
Full Scale Range
00
2g
01
4g
10
8g
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com