Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8653FC Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
MMA8653FC
Sensors
28
Freescale Semiconductor, Inc.
6.5
Portrait/Landscape embedded function registers
For more details on the meaning of the different user configurable settings and for example code refer to Freescale application note
AN4078.
6.5.1
0x10: PL_STATUS, Portrait/Landscape Status Register
This status register can be read to get updated information on any change in orientation by reading Bit 7, or on the specifics of
the orientation by reading the other bits. For further understanding of Portrait Up, Portrait Down, Landscape Left, Landscape
Right, Back and Front orientations please refer to Figure 3 "Landscape/Portrait orientation". The interrupt is cleared when reading
the PL_STATUS register.
Figure 26. 0x10: PL_STATUS, Portrait/Landscape Status Register (Read Only)
•
NEWLP is set to 1 after the first orientation detection after a STANDBY to ACTIVE transition, and whenever a change in LO,
BAFRO, or LAPO occurs.
•
NEWLP bit is cleared anytime PL_STATUS register is read.
•
The Orientation mechanism state change is limited to a maximum 1.25g.
•
LAPO BAFRO and LO continue to change when NEWLP is set.
•
The current position is locked if the absolute value of the acceleration experienced on any of the three axes is greater than
1.25g.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NEWLP
LO
0
0
0
LAPO[1]
LAPO[0]
BAFRO
Table 18. PL_STATUS register
Field
Description
NEWLP
Portrait/Landscape status change flag. Default value: 0.
0: No change
1: BAFRO and/or LAPO and/or Z-Tilt lockout value has changed
LO
Z-Tilt Angle Lockout. Default value: 0.
0: Lockout condition has not been detected
1: Z-Tilt lockout trip angle has been exceeded. Lockout has been detected.
LAPO[1:0](1)
1. The default power up state is BAFRO = 0, LAPO = 0, and LO = 0.
Landscape/Portrait orientation. Default value: 00
00: Portrait Up: Equipment standing vertically in the normal orientation
01: Portrait Down: Equipment standing vertically in the inverted orientation
10: Landscape Right: Equipment is in landscape mode to the right
11: Landscape Left: Equipment is in landscape mode to the left
BAFRO
Back or Front orientation. Default value: 0
0: Front: Equipment is in the front facing orientation
1: Back: Equipment is in the back facing orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com