Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8653FC Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
MMA8653FC
Sensors
6
Freescale Semiconductor, Inc.
1.4
Recommended application diagram
Figure 4. Application diagram
Table 1. Pin descriptions
Pin #
Pin Name
Description
Notes
1
VDD
Power supply
Device power is supplied through the VDD line. Power supply decoupling
capacitors should be placed as near as possible to the pins 1 and 8 of the
device.
2SCL
I2C Serial Clock
7-bit I2C device address is 0x1D.
The control signals SCL and SDA are not tolerant of voltages more than VDDIO
+ 0.3V. If VDDIO is removed, then the control signals SCL and SDA will clamp
any logic signals with their internal ESD protection diodes. The SDA and SCL
I2C connections are open drain, and therefore usually require a pullup resistor.
3
INT1
Interrupt 1
The interrupt source and pin settings are user-programmable through the I2C
interface.
4
BYP
Internal regulator output
capacitor connection
5
INT2
Interrupt 2
See INT1.
6
GND
Ground
7
GND
Ground
8
VDDIO
Digital Interface Power supply
9
GND
Ground
10
SDA
I2C Serial Data
See SCL.
VDD
SCL
INT1
BYP
INT2
SDA
VDDIO
1
2
10
9
8
7
6
0.1
μF
1
μF
0.1
μF
3
4
5
Top View
VDDIO
VDDIO
1 k
Ω
1 k
Ω
Note: 1 k
Ω pullup resistors on INT1/INT2
are only needed for open-drain.
.1
μF
MMA8653FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com