Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5675MPHPREP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC5675MPHPREP Datasheet HTML 13Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 14Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 15Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 16Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 17Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 18Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 19Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 20Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
www.ti.com
VOUT1 + IOUT1
R
L
+
CODE
I
O(FS)
R
L
16384
(4)
VOUT2 + IOUT2
R
L
+
(16383*CODE)
I
O(FS)
R
L
16384
(5)
VOUT
(DIFF) + VOUT1*VOUT2 +
(2CODE * 16383)
I
O(FS)
R
L
16384
(6)
Reference Operation
I
O(FS) + 16
I
BIAS +
16
V
EXTIO
R
BIAS
(7)
Analog Current Outputs
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
APPLICATION INFORMATION (continued)
Thus, the differential output voltage VOUT(DIFF) can be expressed as:
Equation 6 shows that applying the differential output results in doubling the signal power delivered to the load.
Since the output currents IOUT1 and IOUT2 are complementary, they become additive when processed
differentially. Care should be taken not to exceed the compliance voltages at nodes IOUT1 and IOUT2, which
leads to increased signal distortion.
The DAC5675 has a bandgap reference and control amplifier for biasing the full-scale output current. The
full-scale output current is set by applying an external resistor RBIAS. The bias current IBIAS through resistor RBIAS
is defined by the on-chip bandgap reference voltage and control amplifier. The full-scale output current equals
16 times this bias current. The full-scale output current IO(FS) is thus expressed as Equation 7:
where VEXTIO is the voltage at terminal EXTIO. The bandgap reference voltage delivers a stable voltage of 1.2 V.
This reference can be overridden by applying an external voltage to terminal EXTIO. The bandgap reference
can additionally be used for external reference operation. In such a case, an external buffer amplifier with high
impedance input should be selected in order to limit the bandgap load current to less than 100 nA. The capacitor
CEXT may be omitted. Terminal EXTIO serves as either an input or output node. The full-scale output current is
adjustable from 20 mA down to 2 mA by varying resistor RBIAS.
Figure 21 shows a simplified schematic of the current source array output with corresponding switches.
Differential NPN switches direct the current of each individual NPN current source to either the positive output
node IOUT1 or its complementary negative output node IOUT2. The output impedance is determined by the
stack of the current sources and differential switches and is >300 k
Ω in parallel with an output capacitance
of 5 pF.
The external output resistors are referred to the positive supply AVDD.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com