Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5675MPHPREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC5675MPHPREP Datasheet HTML 10Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 11Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 12Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 13Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 14Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 15Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 16Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 17Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
www.ti.com
Digital Inputs
Internal
DigitalIn
110-
Ω
Termination
Resistor
Internal
Digital In
D[13:0]A
D[13..0]A
D[13..0]B
D[13:0]B
DGND
DV
DD
DAC5675-EP
DAC5675-EP
Internal
Digital In
DVDD
DGND
Digital Input
DAC5675-EP
Clock Input
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
APPLICATION INFORMATION (continued)
The DAC5675 uses a low-voltage differential signaling (LVDS) bus input interface. The LVDS features a low
differential voltage swing with low constant power consumption (4 mA per complementary data input) across
frequency. The differential characteristic of LVDS allows for high-speed data transmission with low
electromagnetic interference (EMI) levels. The LVDS input minimum and maximum input threshold table lists the
LVDS input levels. Figure 14 shows the equivalent complementary digital input interface for the DAC5675, valid
for pins D[13:0]A and D[13:0]B. Note that the LVDS interface features internal 110-
Ω resistors for proper
termination. Figure 2 shows the LVDS input timing measurement circuit and waveforms. A common-mode level
of 1.2 V and a differential input swing of 0.8 VPP is applied to the inputs.
Figure 15 shows a schematic of the equivalent CMOS/TTL-compatible digital inputs of the DAC5675, valid for
the SLEEP pin.
Figure 14. LVDS Digital Equivalent Input
Figure 15. CMOS/TTL Digital Equivalent Input
The DAC5675 features differential LVPECL-compatible clock inputs (CLK, CLKC). Figure 16 shows the
equivalent schematic of the clock input buffer. The internal biasing resistors set the input common-mode voltage
to approximately 2 V, while the input resistance is typically 670
Ω. A variety of clock sources can be ac-coupled
to the device, including a sine-wave source (see Figure 17).
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com