Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5675MPHPREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC5675MPHPREP Datasheet HTML 7Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 8Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 9Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 10Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 11Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 12Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 13Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 14Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
InputCode
0
2000
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
4000
6000
8000 10000 12000 14000 16000
Input Code
0
2000
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
4000
6000
8000 10000 12000 14000 16000
Frequency (MHz)
65
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
67
69
71
73
75
f1 =69.5MHz, −6dBFS
f2 =70.5MHz, −6dBFS
IMD3=77.41dBc
VCC =VAA=3.3V
fCLK =200MHz
Center Frequency (MHz)
90
88
86
84
82
80
78
76
74
72
70
68
66
64
62
60
5
15
25
35
45
55
65
75
85
f
2 − f
1 = 1MHz( 6dBFSeach)
–
V
CC = VAA = 3.3 V
f
C
LK = 200MHz
Frequency (MHz)
0
40
20
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
80
100
60
120 140
160
180
200
V
CC = VAA = 3.3 V
f
CLK = 400 MHz
f
OUT = 20.1 MHz, 0 dBFS
SFDR = 74.75 dBc
20.1 MHz
40.06 MHz
60.25 MHz
Output Frequency (MHz)
90
86
82
78
74
70
66
62
58
54
50
10
30
20
50
60
40
80
70
90
100 110 120
V
CC = VAA = 3.3 V
f
CLK = 400 MHz
0 dBFS
−3 dBFS
−6 dBFS
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
DIFFERENTIAL NONLINEARITY (DNL) vs INPUT CODE
INTEGRAL NONLINEARITY (INL) vs INPUT CODE
Figure 3.
Figure 4.
TWO-TONE IMD (POWER) vs FREQUENCY
TWO-TONE IMD3 vs FREQUENCY
Figure 5.
Figure 6.
SINGLE-TONE SPECTRUM
POWER vs FREQUENCY
SPURIOUS-FREE DYNAMIC RANGE vs FREQUENCY
Figure 7.
Figure 8.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com