Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5675MPHPREP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC5675MPHPREP Datasheet HTML 15Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 16Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 17Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 18Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 19Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 20Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 21Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 22Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.ti.com
IOUT1
IOUT2
3.3V
AV
DD
3.3V
AV
DD
100
Ω
100
Ω
4:1
R
LOAD
50
Ω
15 Ω
DAC5675-EP
(a)
VOUT
3.3V
AV
DD
3.3V
AV
DD
25
Ω
25
Ω
V
OUT1
V
OUT2
Optional, for single-
ended output
referred to AV
DD
IOUT1
IOUT2
C
FB
IOUT1
IOUT2
3.3V
AVDD
200
Ω (R
FB)
(b)
DAC5675-EP
DAC5675-EP
Sleep Mode
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
APPLICATION INFORMATION (continued)
Figure 23. Driving a Doubly-Terminated 50-
Ω Cable Using a 4:1 Impedance Ratio Transformer
Figure 24(a) shows the typical differential output configuration with two external matched resistor loads. The
nominal resistor load of 25
Ω gives a differential output swing of 1 V
PP (0.5 VPP single ended) when applying a
20-mA full-scale output current. The output impedance of the DAC5675 slightly depends on the output voltage at
nodes IOUT1 and IOUT2. Consequently, for optimum dc-integral nonlinearity, the configuration of Figure 24(b)
should be chosen. In this current/voltage (I-V) configuration, terminal IOUT1 is kept at AVDD by the inverting
operational amplifier. The complementary output should be connected to AVDD to provide a dc-current path for
the current sources switched to IOUT1. The amplifier maximum output swing and the full-scale output current of
the DAC determine the value of the feedback resistor RFB. The capacitor CFB filters the steep edges of the
DAC5675 current output, thereby reducing the operational amplifier slew-rate requirements. In this configuration,
the operational amplifier should operate at a supply voltage higher than the resistor output reference voltage
AVDD as a result of its positive and negative output swing around AVDD. Node IOUT1 should be selected if a
single-ended unipolar output is desired.
Figure 24. Output Configurations
The DAC5675 features a power-down mode that turns off the output current and reduces the supply current to
approximately 6 mA. The power-down mode is activated by applying a logic level one to the SLEEP pin, pulled
down internally.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com