Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5675MPHPREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 5 Page - Texas Instruments

  DAC5675MPHPREP Datasheet HTML 1Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 2Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 3Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 4Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 5Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 6Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 7Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 8Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
DC Electrical Characteristics
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
over operating free-air temperature range, typical values at 25
°C, AV
DD = 3.3 V, DVDD = 3.3 V, IO(FS) = 20 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
14
Bit
DC Accuracy(1)
INL
Integral nonlinearity
–4
±1.5
4.6
LSB
TMIN to TMAX
DNL
Differential nonlinearity
–2
±0.6
2.2
LSB
Monotonicity
Monotonic 12b Level
Analog Output
IO(FS)
Full-scale output current
2
20
mA
AVDD = 3.15 V to 3.45 V,
Output compliance range
AVDD – 1
AVDD + 0.3
V
IO(FS) = 20 mA
Offset error
0.01
%FSR
Without internal reference
–10
5
10
Gain error
%FSR
With internal reference
–10
2.5
10
Output resistance
300
k
Ω
Output capacitance
5
pF
Reference Output
V(EXTIO)
Reference voltage
1.17
1.23
1.29
V
Reference output current(2)
100
nA
Reference Input
V(EXTIO)
Input reference voltage
0.6
1.2
1.25
V
Input resistance
1
M
Ω
Small-signal bandwidth
1.4
MHz
Input capacitance
100
pF
Temperature Coefficients
Offset drift
12
ppm of FSR/
°C
∆V
(EXTIO)
Reference voltage drift
±50
ppm/
°C
Power Supply
AVDD
Analog supply voltage
3.15
3.3
3.6
V
DVDD
Digital supply voltage
3.15
3.3
3.6
V
I(AVDD)
Analog supply current(3)
115
mA
I(DVDD)
Digital supply current(3)
85
mA
Sleep mode
18
PD
Power dissipation
mW
AVDD = 3.3 V, DVDD = 3.3 V
660
900
APSRR
–0.9
±0.1
0.9
Analog and digital
AVDD = 3.15 V to 3.45 V
%FSR/V
power-supply rejection ratio
DPSRR
–0.9
±0.1
0.9
(1)
Measured differential at IOUT1 and IOUT2: 25 Ω to AVDD
(2)
Use an external buffer amplifier with high impedance input to drive any external load.
(3)
Measured at fCLK = 400 MSPS and fOUT = 70 MHz
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com