Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5675MPHPREP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5675MPHPREP
Description  14-Bit 400-MSPS Digital-to-Analog Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675MPHPREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC5675MPHPREP Datasheet HTML 16Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 17Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 18Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 19Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 20Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 21Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 22Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 23Page - Texas Instruments DAC5675MPHPREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
www.ti.com
DEFINITIONS
Definitions of Specifications and Terminology
DAC5675-EP
SGLS381A – OCTOBER 2006 – REVISED OCTOBER 2006
Gain error is defined as the percentage error in the ratio between the measured full-scale output current and
the value of 16
× V
(EXTIO)/RBIAS. A V(EXTIO) of 1.25 V is used to measure the gain error with an external reference
voltage applied. With an internal reference, this error includes the deviation of V(EXTIO) (internal bandgap
reference voltage) from the typical value of 1.25 V.
Offset error is defined as the percentage error in the ratio of the differential output current (IOUT1-IOUT2) and
the half of the full-scale output current for input code 8192.
THD is the ratio of the rms sum of the first six harmonic components to the rms value of the fundamental output
signal.
SNR is the ratio of the rms value of the fundamental output signal to the rms sum of all other spectral
components below the Nyquist frequency, including noise, but excluding the first six harmonics and dc.
SINAD is the ratio of the rms value of the fundamental output signal to the rms sum of all other spectral
components below the Nyquist frequency, including noise and harmonics, but excluding dc.
ACPR or adjacent channel power ratio is defined for a 3.84-Mcps 3GPP W-CDMA input signal measured in a
3.84-MHz bandwidth at a 5-MHz offset from the carrier with a 12-dB peak-to-average ratio.
APSSR or analog power supply ratio is the percentage variation of full-scale output current versus a 5%
variation of the analog power supply AVDD from the nominal. This is a dc measurement.
DPSSR or digital power supply ratio is the percentage variation of full-scale output current versus a 5% variation
of the digital power supply DVDD from the nominal. This is a dc measurement.
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com