Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5721 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 13Page - Texas Instruments TAS5721 Datasheet HTML 14Page - Texas Instruments TAS5721 Datasheet HTML 15Page - Texas Instruments TAS5721 Datasheet HTML 16Page - Texas Instruments TAS5721 Datasheet HTML 17Page - Texas Instruments TAS5721 Datasheet HTML 18Page - Texas Instruments TAS5721 Datasheet HTML 19Page - Texas Instruments TAS5721 Datasheet HTML 20Page - Texas Instruments TAS5721 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
0.01
0.1
1
10
0.01
0.1
1
10
Output Power (W)
RL = 4Ω
RL = 6Ω
RL = 8Ω
2.0 BTL Mode
PVDD = 12V
f = 1kHz
TA = 25°C
G016
0.01
0.1
1
10
0.01
0.1
1
10
Output Power (W)
RL = 4Ω
RL = 6Ω
RL = 8Ω
2.0 BTL Mode
PVDD = 18V
f = 1kHz
TA = 25°C
G017
10
15
20
25
30
35
40
45
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 2x8+8Ω
RL = 2x4+8Ω
RL = 2x4+4Ω
2.1 SE Mode
TA = 25°C
G014
15
20
25
30
35
40
45
50
55
60
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 4Ω
RL = 8Ω
PBTL Mode
TA = 25°C
G015
TAS5721
www.ti.com
SLOS739 – JULY 2012
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
SPACER
SPACER
SPACER
SPACER
2.1 IDLE CHANNEL NOISE
PBTL IDLE CHANNEL NOISE
vs
vs
PVDD
PVDD
Figure 21.
Figure 22.
SPACER
SPACER
SPACER
SPACER
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER IN 2.0 MODE WITH PVDD = 12 V
OUTPUT POWER IN 2.0 MODE WITH PVDD = 18 V
Figure 23.
Figure 24.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com