Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5721 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5721 Datasheet HTML 1Page - Texas Instruments TAS5721 Datasheet HTML 2Page - Texas Instruments TAS5721 Datasheet HTML 3Page - Texas Instruments TAS5721 Datasheet HTML 4Page - Texas Instruments TAS5721 Datasheet HTML 5Page - Texas Instruments TAS5721 Datasheet HTML 6Page - Texas Instruments TAS5721 Datasheet HTML 7Page - Texas Instruments TAS5721 Datasheet HTML 8Page - Texas Instruments TAS5721 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
Digital Audio
Processor
(DAP)
I C Control Port
2
Internal Register/State Machine Interface
Stereo Headphone
Amplifier
PVDD
DVDD
MCLK Monitoring
and Watchdog
Charge Pump
AVDD
PDN
RST
SPK_OUTA
SPK_OUTD
SDIN
MCLK
SCLK
LRCLK
DR_INA
DR_INB
DR_VSS
DR_OUTA
DR_OUTB
TAS5721
SCL
SDA
Serial Audio Port
(SAP)
Sample Rate
Auto-Detect
PLL
Open Loop 4 Channel
PWM Amplifier
Sensing and
Protection
Temperature
Short Circuits
PVDD Voltage
Output Current
Fault Notification
SPK_OUTB
SPK_OUTC
Sample Rate
Converter
(SRC)
Digital to PWM
Converter
(DPC)
Click and Pop
Suppression
3 Ch. PWM
Modulator
Noise Shaping
Power-On Reset
(POR)
Internal Voltage Supplies
Internal Regulation and Power Distribution
DR_CP
DR_CN
DRVDD
DRVDD
DRVDD
0
5
10
15
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
THD+N = 1%, 4
Ω
THD+N = 10%, 4
Ω
THD+N = 1%, 6
Ω
THD+N = 10%, 6
Ω
THD+N = 1%, 8
Ω
THD+N = 10%, 8
Ω
2.0 BTL Mode
TA = 25°C
G001
48-Pin TSSOP (DCA)
TAS5721
www.ti.com
SLOS739 – JULY 2012
Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
Check for Samples: TAS5721
1
FEATURES
23
•
Audio Input/Output
–
Automatic Sample Rate Detection
–
10 W x 2 into 8
Ω With PVDD = 24 V
–
Thermal and Short-Circuit Protection
–
8 W x 2 + 12 W x 1 into 8
Ω With PVDD = 24
–
Wide PVDD Supply Range (4.5 V to 24 V)
V
APPLICATIONS
–
Supports 2.0, Single Device 2.1, and Mono
Modes
•
LED/LCD TVs, Soundbar, Docking Stations, PC
Speakers
–
Supports 8-kHz to 48-kHz Sample Rate
(LJ/RJ/I2S)
Output Power vs. PVDD in 2.0 Mode
–
Integrated DirectPath™ Headphone
Amplifier and 2 VRMS Line Driver
•
Audio/PWM Processing
–
Independent Channel Volume Controls With
24-dB to Mute in 0.5 dB Steps
–
Separate Dynamic Range Control for
Satellite and Sub Channels
–
21 Programmable Biquads for Speaker EQ
–
Programmable Two-Band Dynamic Range
Control
–
Support for 3D Effects
•
General Features
–
I2C™ Serial Control Interface Operational
Without MCLK
–
Configurable I2C Address (0x34 or 0x36)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DirectPath, FilterPro are trademarks of Texas Instruments.
3
I2C is a trademark of Philips Semiconductor Corp.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5721

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5721 TI1-TAS5721 Datasheet
1Mb / 78P
Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721DCA TI1-TAS5721DCA Datasheet
1Mb / 78P
Digital Audio Power Amplifier
TAS5721DCA TI1-TAS5721DCA Datasheet
1Mb / 78P
Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721DCAR TI1-TAS5721DCAR Datasheet
1Mb / 78P
Digital Audio Power Amplifier
TAS5721DCAR TI1-TAS5721DCAR Datasheet
1Mb / 78P
Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
More results

Similar Description - TAS5721

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD8356A ESMT-AD8356A Datasheet
325Kb / 4P
2.1-Channel Digital Audio Amplifier with Headphone Driver
logo
Texas Instruments
TAS5711 TI-TAS5711 Datasheet
1Mb / 64P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
logo
Anpec Electronics Corop...
APA3169 ANPEC-APA3169 Datasheet
1Mb / 53P
20W Stereo Digital Class-D Audio Power Amplifier with EQ, DRC and 2.1 Mode
logo
Texas Instruments
TAS5711 TI1-TAS5711_14 Datasheet
2Mb / 67P
20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5721 TI-TAS5721_15 Datasheet
1Mb / 72P
Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5721 TI1-TAS5721_17 Datasheet
1Mb / 78P
Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com