Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5721 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5721 Datasheet HTML 10Page - Texas Instruments TAS5721 Datasheet HTML 11Page - Texas Instruments TAS5721 Datasheet HTML 12Page - Texas Instruments TAS5721 Datasheet HTML 13Page - Texas Instruments TAS5721 Datasheet HTML 14Page - Texas Instruments TAS5721 Datasheet HTML 15Page - Texas Instruments TAS5721 Datasheet HTML 16Page - Texas Instruments TAS5721 Datasheet HTML 17Page - Texas Instruments TAS5721 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
RL = 4Ω
RL = 6Ω
RL = 8Ω
2.0 BTL Mode
PVDD = 12V
PO = 1W
TA = 25°C
G004
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
RL = 4Ω
RL = 6Ω
RL = 8Ω
2.0 BTL Mode
PVDD = 18V
PO = 1W
TA = 25°C
G005
0
5
8
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
THD+N = 1%, 2x8+8
Ω
THD+N = 10%, 2x8+8
Ω
THD+N = 1%, 2x8+4
Ω
THD+N = 10%, 2x8+4
Ω
2.1 SE Mode
TA = 25°C
G002
0
5
10
15
20
25
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
THD+N = 1%, 4
Ω
THD+N = 10%, 4
Ω
THD+N = 1%, 6
Ω
THD+N = 10%, 6
Ω
THD+N = 1%, 8
Ω
THD+N = 10%, 8
Ω
PBTL Mode
TA = 25°C
G003
TAS5721
SLOS739 – JULY 2012
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
SPACER
SPACER
SPACER
SPACER
OUTPUT POWER
OUTPUT POWER
vs
vs
PVDD IN 2.1 MODE
PVDD IN PBTL MODE
Figure 9.
Figure 10.
SPACER
SPACER
SPACER
SPACER
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY IN 2.0 MODE WITH PVDD = 12 V
FREQUENCY in 2.0 MODE WITH PVDD = 18 V
Figure 11.
Figure 12.
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TAS5721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com