| Electronic Components Datasheet Search |
|
THS8083CPZP Datasheet(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS8083CPZP Datasheet(HTML) 34 Page - Texas Instruments |
|
34 / 61 page ![]() 3–10 3.2.18 Register Name: HS_COUNT_1 Subaddress: 11 (R) X MSB LSB X X X HS_COUNT10 HS_COUNT9 HS_COUNT8 HS_COUNT11 HS_COUNT[11..8]: See register HS_COUNT_0 Default: (changed during operation) 3.2.19 Register Name: VS_COUNT_0 Subaddress: 12 (R) VS_COUNT7 MSB LSB VS_COUNT6 VS_COUNT5 VS_COUNT4 VS_COUNT3 VS_COUNT2 VS_COUNT1 VS_COUNT0 VS_COUNT[7..0]: VS_COUNT[11..0] holds the last vertical sync period number (i.e., the number of line periods between the last two VS occurrences). The device updates the value at each active edge of VS. Internal arbitration logic avoids potential read errors between the register contents and the asynchronous I2C bus. This value can be read by the microcontroller to derive the frame rate of the incoming video/graphics format. Default: (changed during operation) 3.2.20 Register Name: VS_COUNT_1 Subaddress: 13 (R) X MSB LSB X X X VS_COUNT10 VS_COUNT9 VS_COUNT8 VS_COUNT11 VS_COUNT[11..8] See register VS_COUNT0 Default: (changed during operation) 3.2.21 Register Name: DTO_INC_0 Subaddress: 14 (R) DTO_INC7 MSB LSB DTO_INC6 DTO_INC5 DTO_INC4 DTO_INC3 DTO_INC2 DTO_INC1 DTO_INC0 DTO_INC[7..0] DTO_INC[32..0] stores the current value of the DTO increment. This can be read by the microcontroller to derive the actual pixel clock frequency. Default: (changed during operation) 3.2.22 Register Name: DTO_INC_1 Subaddress: 15 (R) DTO_INC15 MSB LSB DTO_INC14 DTO_INC13 DTO_INC12 DTO_INC11 DTO_INC10 DTO_INC9 DTO_INC8 DTO_INC[15..8]: See register DTO_INC_0 Default: (changed during operation) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |