Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS8083CPZP Datasheet(PDF) 51 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS8083CPZP Datasheet(HTML) 51 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 47Page - Texas Instruments THS8083CPZP Datasheet HTML 48Page - Texas Instruments THS8083CPZP Datasheet HTML 49Page - Texas Instruments THS8083CPZP Datasheet HTML 50Page - Texas Instruments THS8083CPZP Datasheet HTML 51Page - Texas Instruments THS8083CPZP Datasheet HTML 52Page - Texas Instruments THS8083CPZP Datasheet HTML 53Page - Texas Instruments THS8083CPZP Datasheet HTML 54Page - Texas Instruments THS8083CPZP Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
5–7
5.4.9.2 Closed Loop
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(HS)
HS locking range
15
100
kHz
t(acq)
Lock-in time
5
12
ms
t
Short term jitter
See Note 16
700 (p-p)
185 (rms)
ps
t(JCS)
Short-term jitter
TA = 25°C
1250 (p-p)
440 (rms)
ps
t(JCL)
Long term jitter
See Note 16
700 (pk-pk)
185 (rms)
ps
t(JCL)
Long-term jitter
See Note 16
TA = 25°C
1250 (p-p)
440 (rms)
ps
NOTE 16: PLL characterization:
•
Short term jitter in open loop or closed loop is defined as the variation within one PLL update period (= within the same video line) of
the clock rising edge. This is measured visually by capturing the clock and displaying it on a digital scope with a persistency of one
video line. Numerically the time instants of the rising edges, at a defined voltage level, of a number of clock cycles (N = 800) are
captured at high sampling rate. From these time instants, the average clock time period is calculated. The deviation between each
actual time instant and the ideal, based on the average clock time period, is defined as a statistically distributed jitter value along
one line. This jitter is measured on both DATACLK1 and DTOCLK3 outputs.
•
Long term jitter in closed loop is defined as the variation over one video frame of the Nth clock rising edge on each line. This is
measured by capturing the time instant that a defined level on the rising edge of the Nth clock after HS is reached on each line. The
same principle for calculation is used as for short term jitter but now for one sample taken on every line and N = 800 lines.
5.4.10 Typical Plots (25
°C and Measured for Standard VESA Graphics Formats)
NOTE: The THS8083 is configured for each video mode with I2C register settings as specified
in application note Using THS8083 for PC Graphics and Component Video Digitizing.
500
600
700
800
900
1000
1100
1200
1300
1400
1500
0
20406080
100
30 MHz Full-Scale
Sine Input
60 kHz Full-Scale
Ramp Input
0
50
100
150
200
250
300
350
0
50
100
Total Analog
AVDD_CH1+AVDD_CH2_3
Total Digital
AVDD_REF
DVDD
AVDD_PLL
f – Frequency – MHz
CURRENT
vs
FREQUENCY
Figure 5–2. Power Consumption
DVDD_PLL
f – Frequency – MHz
POWER
vs
FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com