Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS8083CPZP Datasheet(PDF) 5 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS8083CPZP Datasheet(HTML) 5 Page - Texas Instruments

  THS8083CPZP Datasheet HTML 1Page - Texas Instruments THS8083CPZP Datasheet HTML 2Page - Texas Instruments THS8083CPZP Datasheet HTML 3Page - Texas Instruments THS8083CPZP Datasheet HTML 4Page - Texas Instruments THS8083CPZP Datasheet HTML 5Page - Texas Instruments THS8083CPZP Datasheet HTML 6Page - Texas Instruments THS8083CPZP Datasheet HTML 7Page - Texas Instruments THS8083CPZP Datasheet HTML 8Page - Texas Instruments THS8083CPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
v
5
Electrical Specification
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1
Definition of Test Conditions
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.2
Absolute Maximum Ratings Over Operating Free-Air
Temperature Range
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
Recommended Operating Conditions Over Operating Free-Air
Temperature Range, TA = 0°C to 70°C5–2
. . . . . . . . . . . . . . . . . . . . . . . . .
5.3.1
Power Supply
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.2
Analog and Reference Inputs
5–2
. . . . . . . . . . . . . . . . . . . . . . . . .
5.3.3
Digital Inputs
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4
Electrical Characteristics Over Recommended Operating
Free-Air Temperature Range, TA = 0°C to 70°C
5–3
. . . . . . . . . . . . . . . . .
5.4.1
Power Supply
5–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.2
Digital Logic Inputs (HS, VS, SCL, SDA, I2CA,
XTL1_MCLK, EXT_ADCCLK, OE, RESET, EXT_CLP)
5–3
. . .
5.4.3
Logic Outputs (SDA, CHn_OUTA[7..0], CHn_OUTB[7..0],
DTOCLK3, ADCCLK2, DATACLK1, DHS, LOCK)
5–3
. . . . . . .
5.4.4
I2C Interface
5–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.5
ADC Channel
5–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.6
Coarse PGA
5–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.7
Fine PGA
5–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.8
Output Formatter/Timing Requirements
5–6
. . . . . . . . . . . . . . . .
5.4.9
PLL
5–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.10
Typical Plots
5–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6
Application Information
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
Designing With PowerPAD
t
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
Mechanical Data
7–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Appendix A
A–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
A.1
PLL Formula and Register Settings
A–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com