Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA336MDBVREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA336MDBVREP
Description  SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER MicroAmplifier??SERIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA336MDBVREP Datasheet(HTML) 2 Page - Texas Instruments

  OPA336MDBVREP Datasheet HTML 1Page - Texas Instruments OPA336MDBVREP Datasheet HTML 2Page - Texas Instruments OPA336MDBVREP Datasheet HTML 3Page - Texas Instruments OPA336MDBVREP Datasheet HTML 4Page - Texas Instruments OPA336MDBVREP Datasheet HTML 5Page - Texas Instruments OPA336MDBVREP Datasheet HTML 6Page - Texas Instruments OPA336MDBVREP Datasheet HTML 7Page - Texas Instruments OPA336MDBVREP Datasheet HTML 8Page - Texas Instruments OPA336MDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
OPA336-EP
SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER
MicroAmplifier™ SERIES
SCES658 – JUNE 2006
MIN
MAX
UNIT
Supply voltage
7.5
V
Voltage range(2)
(V–) – 0.3
(V+) + 0.3
V
Signal input terminals
Current(2)
10
mA
Output short circuit(3)
Continuous
TA
Operating free-air temperature range
–55
125
°C
Tstg
Storage temperature range
–55
125
°C
TJ
Junction temperature
150
°C
Lead temperature (soldering, 10 s)
300
°C
Charged-Device Model (CDM)
1000
ESD rating
Human-Body Model (HBM)
500
V
Machine Model (MM)
100
θ
JA
Package thermal impedance
200
°C/W
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input terminals are diode clamped to the power-supply rails. Input signals that can swing more than 0.3 V beyond the supply rails should
be current limited to 10 mA or less.
(3)
Short circuit to ground, one amplifier per package
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com