Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA336MDBVREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA336MDBVREP
Description  SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER MicroAmplifier??SERIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA336MDBVREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA336MDBVREP Datasheet HTML 5Page - Texas Instruments OPA336MDBVREP Datasheet HTML 6Page - Texas Instruments OPA336MDBVREP Datasheet HTML 7Page - Texas Instruments OPA336MDBVREP Datasheet HTML 8Page - Texas Instruments OPA336MDBVREP Datasheet HTML 9Page - Texas Instruments OPA336MDBVREP Datasheet HTML 10Page - Texas Instruments OPA336MDBVREP Datasheet HTML 11Page - Texas Instruments OPA336MDBVREP Datasheet HTML 12Page - Texas Instruments OPA336MDBVREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ti.com
APPLICATION INFORMATION (CONTINUED)
Capacitive Load and Stability
R
S
100
Ω
C
L
R
L
V
IN
V
OUT
RS = 100 Ω, Load = 2 kΩ || 1000 pF, Vs +5 V
50
µs/div
OPA336-EP
SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER
MicroAmplifier™ SERIES
SCES658 – JUNE 2006
The OPA336 can drive a wide range of capacitive loads. However, all operational amplifiers, under certain
conditions, may become unstable. Operational amplifier configuration, gain, and load value are just a few of the
factors to consider when determining stability.
When properly configured, the OPA336 drives approximately 10,000 pF. An operational amplifier in unity-gain
configuration is the most vulnerable to capacitive load. The capacitive load reacts with the operational amplifier
output resistance along with any additional load resistance to create a pole in the response, which degrades the
phase margin. In unity gain, the OPA336 performs well with a pure capacitive load, up to about 300 pF.
Increasing gain enhances the amplifier's ability to drive loads beyond this level.
One method of improving capacitive load drive in the unity-gain configuration is to insert a 50-
Ω to 100-Ω
resistor inside the feedback loop (see Figure 3). This reduces ringing with large capacitive loads, while
maintaining direct current (DC) accuracy. For example, with RL = 25 kΩ, OPA336 performs well with capacitive
loads in excess of 1000 pF (see Figure 4). Without the OPA336 RS, capacitive load drive typically is 350 pF for
these conditions (see Figure 5).
Figure 3. Series Resistor in Unity-Gain Configuration
Improves Capacitive Load Drive
Figure 4. Small-Signal Step Response
Using Series Resistor to Improve Capacitive Load Drive
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com