Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA336MDBVREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA336MDBVREP
Description  SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER MicroAmplifier??SERIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA336MDBVREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA336MDBVREP Datasheet HTML 3Page - Texas Instruments OPA336MDBVREP Datasheet HTML 4Page - Texas Instruments OPA336MDBVREP Datasheet HTML 5Page - Texas Instruments OPA336MDBVREP Datasheet HTML 6Page - Texas Instruments OPA336MDBVREP Datasheet HTML 7Page - Texas Instruments OPA336MDBVREP Datasheet HTML 8Page - Texas Instruments OPA336MDBVREP Datasheet HTML 9Page - Texas Instruments OPA336MDBVREP Datasheet HTML 10Page - Texas Instruments OPA336MDBVREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
LARGE-SIGNAL STEP RESPONSE
G = 1, C
L = 620 pF, VS = +5 V
SMALL-SIGNAL STEP RESPONSE
G = 1, C
L = 200 pF, VS = +5 V
50
Ωs/div
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
–0
–1
–2
–3
–4
–5
–6
–7
–8
–2.5
–2.0
–1.5
–1.0
–0.5
0
V
S = 2.5 V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
01 234 567 8
5
4
3
2
1
0
Sourcing
Current
V
S = +2.3 V
V
S = 5 V
Common-Mode Voltage (V)
0123 45
4
3
2
1
0
V
S = 5 V
INPUT BIAS CURRENT vs TEMPERATURE
–75
–50
–25
0
25
50
75
100
125
1k
100
10
1
0.1
Temperature (
°C)
−55
°C
25
°C
125
°C
125
°C
−55
°C
25
°C
−55
°C
125
°C
25
°C
200
Ωs/div
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
OPA336-EP
SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER
MicroAmplifier™ SERIES
SCES658 – JUNE 2006
TYPICAL CHARACTERISTICS (continued)
T
A = 25°C, VS = 5 V, RL = 25 kΩ connected to VS/2 (unless otherwise noted)
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com