Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA336MDBVREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA336MDBVREP
Description  SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER MicroAmplifier??SERIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA336MDBVREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA336MDBVREP Datasheet HTML 2Page - Texas Instruments OPA336MDBVREP Datasheet HTML 3Page - Texas Instruments OPA336MDBVREP Datasheet HTML 4Page - Texas Instruments OPA336MDBVREP Datasheet HTML 5Page - Texas Instruments OPA336MDBVREP Datasheet HTML 6Page - Texas Instruments OPA336MDBVREP Datasheet HTML 7Page - Texas Instruments OPA336MDBVREP Datasheet HTML 8Page - Texas Instruments OPA336MDBVREP Datasheet HTML 9Page - Texas Instruments OPA336MDBVREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
100k
100
1k
6
5
4
3
2
1
0
V
S = 5.5 V
V
S = 2.3 V
Offset Voltage (
µV)
25
20
15
10
5
0
0.1%
0.2%
0.3%
0.1%
Typical production
packaged units
A
OL, CMRR, PSRR vs TEMPERATURE
Temperature (ºC)
120
110
100
90
80
70
–75
–50
–25
0
25
50
75
100
125
A
OL
PSRR
CMRR
OFFSET VOLTAGE-DRIFT MAGNITUDE
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
25
20
15
10
5
0
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Frequency (Hz)
1k
100
10
1
1k
100
10
1
10
100
1k
10k
100k
Voltage noise
Current noise
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
150
140
130
120
110
100
1k
10k
100k
Dual and quad devices, G = 1, all
channels. Quad measured channel A
to D or B to C—other combinations
yield improved rejection.
Typical production
packaged units
OPA336-EP
SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER
MicroAmplifier™ SERIES
SCES658 – JUNE 2006
TYPICAL CHARACTERISTICS (continued)
T
A = 25°C, VS = 5 V, RL = 25 kΩ connected to VS/2 (unless otherwise noted)
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com