Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA336MDBVREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA336MDBVREP
Description  SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER MicroAmplifier??SERIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA336MDBVREP Datasheet(HTML) 5 Page - Texas Instruments

  OPA336MDBVREP Datasheet HTML 1Page - Texas Instruments OPA336MDBVREP Datasheet HTML 2Page - Texas Instruments OPA336MDBVREP Datasheet HTML 3Page - Texas Instruments OPA336MDBVREP Datasheet HTML 4Page - Texas Instruments OPA336MDBVREP Datasheet HTML 5Page - Texas Instruments OPA336MDBVREP Datasheet HTML 6Page - Texas Instruments OPA336MDBVREP Datasheet HTML 7Page - Texas Instruments OPA336MDBVREP Datasheet HTML 8Page - Texas Instruments OPA336MDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
OPEN−LOOP GAIN/PHASE vs FREQUENCY
1
100
80
60
40
20
0
–20
0
–45
–90
–135
–180
Frequency (Hz)
10
100
1k
10k
100k
1M
G
Φ
SHORT−CIRCUIT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
±6
±5
±4
±3
±2
±1
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
I
SC
–I
SC
POWER SUPPLY and COMMON MODE
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
CMRR
PSRR
SHORT−CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
8
7
6
5
4
3
2
1
0
–75
–50
–25
0
25
50
75
100
125
V
S = 2.3 V
V
S = 5 V
–I
SC
I
SC
I
SC
–I
SC
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
30
25
20
15
10
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Per Amplifier
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
°C)
30
25
20
15
10
5
0
–75
–50
–25
0
25
50
75
100
125
V
S = 2.3 V
V
S = 5 V
Per Amplifier
OPA336-EP
SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER
MicroAmplifier™ SERIES
SCES658 – JUNE 2006
T
A = 25°C, VS = 5 V, RL = 25 kΩ connected to VS/2 (unless otherwise noted)
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com