Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA336MDBVREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA336MDBVREP
Description  SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER MicroAmplifier??SERIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA336MDBVREP Datasheet(HTML) 3 Page - Texas Instruments

  OPA336MDBVREP Datasheet HTML 1Page - Texas Instruments OPA336MDBVREP Datasheet HTML 2Page - Texas Instruments OPA336MDBVREP Datasheet HTML 3Page - Texas Instruments OPA336MDBVREP Datasheet HTML 4Page - Texas Instruments OPA336MDBVREP Datasheet HTML 5Page - Texas Instruments OPA336MDBVREP Datasheet HTML 6Page - Texas Instruments OPA336MDBVREP Datasheet HTML 7Page - Texas Instruments OPA336MDBVREP Datasheet HTML 8Page - Texas Instruments OPA336MDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
Electrical Characteristics
OPA336-EP
SINGLE-SUPPLY MICRO-POWER CMOS OPERATIONAL AMPLIFIER
MicroAmplifier™ SERIES
SCES658 – JUNE 2006
over recommended operating temperature range, V
S = 2.3 V to 5.5 V, TA = 25°C, VS = 5 V, RL = 25 kΩ connected to VS/2
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Offset Voltage
Input offset voltage
±500
VOS
µV
Input offset voltage overtemperature(1)
±950
Input offset voltage vs power supply
25
100
VS = 2.3 V to 5.5 V
PSRR
Overtemperature(1)
150
µV/V
Channel separation, dc
0.1
Input Bias Current
Input bias current
±1
±10
IB
pA
Overtemperature(1)
±200
IOS
Input offset current
±1
±60
pA
Noise
Input voltage noise
f = 0.1 Hz to 10 Hz
3
µVp-p
en
Input voltage noise density
f = 1 kHz
40
nV/
√Hz
in
Current noise density
f = 1 kHz
30
fA/
√Hz
Input Voltage Range
VCM
Common-mode voltage range
–0.2
(V+) – 1
V
Common-mode rejection ratio
76
86
CMRR
–0.2 V < VCM < (V+) – 1 V
dB
Overtemperature(1)
72
Input Impedance
Differential input impedance
1013 2
Ω pF
Common mode input impedance
1013 4
Ω pF
Open-Loop Gain
RL = 25 kΩ,
90
100 mV < VO < (V+) – 100 mV
Open-loop voltage gain
RL = 5 kΩ,
90
500 mV < VO < (V+) – 500 mV
AOL
dB
RL = 25 kΩ,
82
100 mV < VO < (V+) – 100 mV
Overtemperature(1)
RL = 5 kΩ,
89
500 mV < VO < (V+) – 500 mV
Frequency Response
GBW
Gain-bandwidth product
VS = 5 V, G = 1
100
kHz
SR
Slew rate
VS = 5 V, G = 1
0.03
V/
µs
Overload recovery time
VIN × G = VS
100
µs
(1)
Limits apply over the specified temperature range, TA = –55°C to 125°C.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com