Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MPWREP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MPWREP
Description  3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548MPWREP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2548MPWREP Datasheet HTML 17Page - Texas Instruments TLV2548MPWREP Datasheet HTML 18Page - Texas Instruments TLV2548MPWREP Datasheet HTML 19Page - Texas Instruments TLV2548MPWREP Datasheet HTML 20Page - Texas Instruments TLV2548MPWREP Datasheet HTML 21Page - Texas Instruments TLV2548MPWREP Datasheet HTML 22Page - Texas Instruments TLV2548MPWREP Datasheet HTML 23Page - Texas Instruments TLV2548MPWREP Datasheet HTML 24Page - Texas Instruments TLV2548MPWREP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
TLV2548-EP
www.ti.com
SLAS668 – OCTOBER 2009
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VCC = VREFP = 3 V to 5.5 V, VREFM = 0 V, SCLK frequency = 20 MHz at 5 V,
15 MHz at 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
REFERENCE SPECIFICATIONS(4)
(0.1
μF and 10 μF between REFP and
REFM pins)
Positive reference input
REFP
VCC = 2.7 V to 5.5 V
2
VCC
V
voltage
Negative reference input
REFM
VCC = 2.7 V to 5.5 V
0
2
V
voltage
CS = 1,
SCLK = 0, (off)
100
M
Ω
VCC = 5.5 V
SCLK = 20 MHz
CS = 0,
20
25
k
Ω
(on)
Reference Input impedance
CS = 1,
SCLK = 0 (off)
100
M
Ω
VCC = 2.7 V
SCLK = 15 MHz
CS = 0,
20
25
k
Ω
(on)
Reference Input voltage
REFP-REFM
VCC = 2.7 V to 5.5 V
2
VCC
V
difference
VCC = 5.5 V
VREF SELECT = 4 V
3.85
4
4.15
REFP-REFM
Internal reference voltage
VCC = 5.5 V
VREF SELECT = 2 V
1.925
2
2.075
V
VCC = 2.7 V
VREF SELECT = 2 V
1.925
2
2.075
Internal reference start–up
VCC = 5.5 V, 2.7 V with 10 μF compensation cap
20
ms
time
Internal reference
VCC = 2.7 V to 5.5 V
16
40(5)
PPM/°C
temperature coefficient
(4)
Specified by design.
(5)
Specified by design.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TLV2548-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com