Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MPWREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MPWREP
Description  3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548MPWREP Datasheet(HTML) 4 Page - Texas Instruments

  TLV2548MPWREP Datasheet HTML 1Page - Texas Instruments TLV2548MPWREP Datasheet HTML 2Page - Texas Instruments TLV2548MPWREP Datasheet HTML 3Page - Texas Instruments TLV2548MPWREP Datasheet HTML 4Page - Texas Instruments TLV2548MPWREP Datasheet HTML 5Page - Texas Instruments TLV2548MPWREP Datasheet HTML 6Page - Texas Instruments TLV2548MPWREP Datasheet HTML 7Page - Texas Instruments TLV2548MPWREP Datasheet HTML 8Page - Texas Instruments TLV2548MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Charge
Redistribution
DAC
Control
Logic
_
+
REFM
Ain
ADC Code
TLV2548-EP
SLAS668 – OCTOBER 2009
www.ti.com
Table 2. TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
External reference input or internal reference decoupling (shunt capacitors of 10
μF and
0.1
μF between REFP and REFM). The maximum input voltage range is determined by the
REFP
19
I
difference between the voltage applied to this terminal and the REFM terminal when an
external reference is used.
VCC
5
I
Positive supply voltage
Detailed Description
Analog Inputs and Internal Test Voltages
The 4/8 analog inputs and three internal test inputs are selected by the analog multiplexer depending on the
command entered. The input multiplexer is a break-before-make type to reduce input-to-input noise injection
resulting from channel switching.
Converter
The TLV2548 uses a 12-bit successive approximation ADC utilizing a charge redistribution DAC. Figure 1 shows
a simplified version of the ADC.
The sampling capacitor acquires the signal on Ain during the sampling period. When the conversion process
starts, the SAR control logic and charge redistribution DAC are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator into a balanced condition. When the comparator is balanced,
the conversion is complete and the ADC output code is generated.
Figure 1. Simplified Model of the Successive-Approximation System
Serial Interface
INPUT DATA FORMAT
MSB
LSB
D15
−D12
D11
−D0
Command ID[15:12]
Configuration data field ID[11:0]
Input data is binary. All trailing blanks can be filled with zeros.
OUTPUT DATA FORMAT READ CFR/FIFO READ
MSB
LSB
D15
−D12
D11
−D0
Don’t care
Register content or FIFO content OD[11:0]
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2548-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com