Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MPWREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MPWREP
Description  3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548MPWREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2548MPWREP Datasheet HTML 5Page - Texas Instruments TLV2548MPWREP Datasheet HTML 6Page - Texas Instruments TLV2548MPWREP Datasheet HTML 7Page - Texas Instruments TLV2548MPWREP Datasheet HTML 8Page - Texas Instruments TLV2548MPWREP Datasheet HTML 9Page - Texas Instruments TLV2548MPWREP Datasheet HTML 10Page - Texas Instruments TLV2548MPWREP Datasheet HTML 11Page - Texas Instruments TLV2548MPWREP Datasheet HTML 12Page - Texas Instruments TLV2548MPWREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
SCLK
CS
FS
SDI
INT
EOC
SDO
ID14
ID13
ID12
ID15
OD11 OD10
OD9
OD4
OD3
1
2
3
4
7
13
16
1
12
ID15
14
15
OD2
OD1
OD0
5
6
TLV2548-EP
www.ti.com
SLAS668 – OCTOBER 2009
Table 6. TLV2548 Conversion Mode (1) (2) (3) (continued)
CONVERSION
CFR
SAMPLING
OPERATION
MODE
D(6,5)
TYPE
•
Repeated conversions from a selected channel
•
CS or FS to start sampling/conversion
•
One INT generated after FIFO is filled up to the threshold
Normal
•
Host must serve INT by either 1) (FIFO read) reading out all of the FIFO
Repeat
01
contents up to the threshold, then repeat conversions from the same selected
channel or 2) writing another command(s) to change the conversion mode. If
the FIFO is not read when INT is served, it is cleared.
•
Same as normal sampling except CSTART starts each sampling and
Extended
conversion when CS is high.
•
One conversion per channel from a sequence of channels
•
CS or FS to start sampling/conversion
Normal
•
One INT generated after FIFO is filled up to the threshold
Sweep
10
•
Host must serve INT by (FIFO read) reading out all of the FIFO contents up to
the threshold, then write another command(s) to change the conversion mode.
•
Same as normal sampling except CSTART starts each sampling and
Extended
conversion when CS is high.
•
Repeated conversions from a sequence of channels
•
CS or FS to start sampling/conversion
•
One INT generated after FIFO is filled up to the threshold
Normal
•
Host must serve INT by either 1) (FIFO read) reading out all of the FIFO
Repeat sweep
11
contents up to the threshold, then repeat conversions from the same selected
channel or 2) writing another command(s) to change the conversion mode. If
the FIFO is not read when INT is served it is cleared.
•
Same as normal sampling except CSTART starts each sampling and
Extended
conversion when CS is high.
Timing Diagrams
The timing diagrams can be categorized into two major groups: non-conversion and conversion. The
non-conversion cycles are read and write (configuration). None of these cycles carry a conversion. Conversion
cycles are those four modes of conversion.
Read Cycle (Read FIFO or Read CFR)
Read CFR Cycle
The read command is decoded in the first four clocks. SDO outputs the contents of the CFR after the fourth
SCLK. This command works only when the device is programmed in the single shot mode (mode 00).
Figure 2. TLV2548 Read CFR Cycle (FS active)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLV2548-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com