Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MPWREP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MPWREP
Description  3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548MPWREP Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLV2548MPWREP Datasheet HTML 25Page - Texas Instruments TLV2548MPWREP Datasheet HTML 26Page - Texas Instruments TLV2548MPWREP Datasheet HTML 27Page - Texas Instruments TLV2548MPWREP Datasheet HTML 28Page - Texas Instruments TLV2548MPWREP Datasheet HTML 29Page - Texas Instruments TLV2548MPWREP Datasheet HTML 30Page - Texas Instruments TLV2548MPWREP Datasheet HTML 31Page - Texas Instruments TLV2548MPWREP Datasheet HTML 32Page - Texas Instruments TLV2548MPWREP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
-71
-70.50
-70
-69.50
-69
-68.50
-68
-67.50
-67
0
f - Frequency - kHz
VCC = 5 V,
External Reference = 4 V,
Internal Oscillator,
Single Shot, Long Sample,
Mode 00 mP Mode
50
100
150
10.80
10.90
11
11.10
11.20
11.30
11.40
11.50
0
f - Frequency - kHz
VCC = 5 V,
External Reference = 4 V,
Internal Oscillator,
Single Shot, Long Sample,
Mode 00 mP Mode
50
100
150
-79
-78
-77
-76
-75
-74
-73
-72
-71
-70
-69
0
f - Frequency - kHz
VCC = 5 V,
External Reference = 4 V,
Internal Oscillator,
Single Shot, Long Sample,
Mode 00 mP Mode
50
100
150
-82
-81
-80
-79
-78
-77
-76
-75
-74
-73
0
f - Frequency - kHz
VCC = 5 V,
External Reference = 4 V,
Internal Oscillator,
Single Shot, Long Sample,
Mode 00 mP Mode
50
100
150
TLV2548-EP
www.ti.com
SLAS668 – OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
SIGNAL-TO-NOISE + DISTORTION
EFFECTIVE NUMBER OF BITS
vs
vs
INPUT FREQUENCY
INPUT FREQUENCY
Figure 34.
Figure 35.
TOTAL HARMONIC DISTORTION
SPURIOUS FREE DYNAMIC RANGE
vs
vs
INPUT FREQUENCY
INPUT FREQUENCY
Figure 36.
Figure 37.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TLV2548-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com