Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MPWREP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2548MPWREP
Description  3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2548MPWREP Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLV2548MPWREP Datasheet HTML 23Page - Texas Instruments TLV2548MPWREP Datasheet HTML 24Page - Texas Instruments TLV2548MPWREP Datasheet HTML 25Page - Texas Instruments TLV2548MPWREP Datasheet HTML 26Page - Texas Instruments TLV2548MPWREP Datasheet HTML 27Page - Texas Instruments TLV2548MPWREP Datasheet HTML 28Page - Texas Instruments TLV2548MPWREP Datasheet HTML 29Page - Texas Instruments TLV2548MPWREP Datasheet HTML 30Page - Texas Instruments TLV2548MPWREP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
-1.0
-0.5
0.0
0.5
1.0
0
4097
Samples
VCC = 2.7 V, Internal Reference = 2 V, Internal Oscillator,
Single Shot, Short Sample, Mode 00 mP Mode
-1.0
-0.5
0.0
0.5
1.0
0
4097
Samples
VCC = 2.7 V, Internal Reference = 2 V, Internal Oscillator,
Single Shot, Short Sample, Mode 00 mP Mode
-1.0
-0.5
0.0
0.5
1.0
0
4097
Samples
VCC = 5 V, Internal Reference = 2 V, Internal Oscillator,
Single Shot, Short Sample, Mode 00 mP Mode
TLV2548-EP
www.ti.com
SLAS668 – OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
INTEGRAL NONLINEARITY
vs
SAMPLES
Figure 29.
DIFFERENTIAL NONLINEARITY
vs
SAMPLES
Figure 30.
INTEGRAL NONLINEARITY
vs
SAMPLES
Figure 31.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TLV2548-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com