Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM8S208MBT3
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM8S208MBT3 Datasheet HTML 95Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 96Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 97Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 98Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 99Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 100Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 101Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 102Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 103 page
background image
STM8S207xx, STM8S208xx
Revision history
Doc ID 14733 Rev 12
101/103
10-Jul-2009
8
cont’d
Section 10: Electrical characteristics: Added data for TBD values;
updated Table 15: Voltage characteristics and Table 18: General
operating conditions; updated VCAP specifications in Table 18 and in
Section 10.3.1: VCAP external capacitor; updated Figure 18;
replaced Figure 19; updated Table 35: RAM and hardware registers;
updated Figure 22 and Figure 35; added Figure 40: Typical
application with I2C bus and timing diagram.
Removed Table 56: Junction temperature range.
Added link between ordering information Figure 49 and STM8S20xx
features Table 2.
13-Apr-2010
9
Document status changed from “preliminary data” to “datasheet”.
Table 2: STM8S20xxx performance line features: high sink I/O for
STM8S207C8 is 16 (not 13).
Table 3: Peripheral clock gating bit assignments in CLK_PCKENR1/2
registers: updated bit positions for TIM2 and TIM3.
Figure 5: LQFP 48-pin pinout: added CAN_TX and CAN_RX to pins
35 and 36; noted that these pins are available only in STM8S208xx
devices.
Figure 7: LQFP 32-pin pinout: replaced uart2 with uart3.
Table 6: Pin description: added footnotes concerning beCAN
availability and UART1_RX and UART3_RX pins.
Table 13: Option byte description: added description of STM8L
bootloader option bytes to the option byte description table.
Added Section 9: Unique ID (and listed this attribute in Features).
Section 10.3: Operating conditions: added introductory text.
Table 18: General operating conditions: replaced “CEXT” with “VCAP”
and added data for ESR and ESL; removed “low power dissipation”
condition for TA.
Table 26: Total current consumption in halt mode at VDD = 5 V:
replaced max value of IDD(H) at 85 °C from 30 µA to 35 µA for the
condition “Flash in powerdown mode, HSI clock after wakeup”.
Table 33: HSI oscillator characteristics: updated the ACCHSI factory
calibrated values.
Functional EMS (electromagnetic susceptibility) and Table 47:
replaced “IEC 1000” with “IEC 61000”.
Electromagnetic interference (EMI) and Table 48: replaced “SAE
J1752/3” with “IEC 61967-2”.
Table 57: Thermal characteristics: changed the thermal resistance
junction-ambient value of LQFP32 (7x7 mm) from 59 °C/W to 60
°C/W.
Table 58.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com