Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM8S208MBT3
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM8S208MBT3 Datasheet HTML 95Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 96Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 97Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 98Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 99Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 100Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 101Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 102Page - STMicroelectronics STM8S208MBT3 Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 103 page
background image
Revision history
STM8S207xx, STM8S208xx
102/103
Doc ID 14733 Rev 12
14-Sep-2010
10
Added part number STM8S208M8 to Table 1: Device summary.
Updated "reset state" of Table 5: Legend/abbreviations for pinout
table.
Added footnote 4 to Table 6: Pin description.
Table 9: General hardware register map: standardized all reset state
values; updated the reset state values of RST_SR, CLK_SWCR,
CLK_HSITRIMR, CLK_SWIMCCR, IWDG_KR, and ADC_DRx
registers; added the reset values of the CAN paged registers.
Figure 36: Recommended reset pin protection: replaced 0.01 µF with
0.1 µF.
Figure 40: Typical application with I2C bus and timing diagram:
tw(SCKH), tw(SCKL), tr(SCK), and tf(SCK) replaced by tw(SCLH), tw(SCLL),
tr(SCL), and tf(SCL) respectively.
22-Mar-2011
11
Table 1: Device summary: added STM8S207K8.
Table 2: STM8S20xxx performance line features: added
STM8S207K8 device and changed the RAM value of all other
devices to 6 Kbytes.
Figure 3, Figure 4, Figure 5, and Figure 7: removed TIM1_CH4 from
pins 80, 64, 48, and 32 respectively.
Table 6: Pin description: updated note 3 and added note 5.
Table 9: General hardware register map: removed I2C_PECR
register.
Section 10.3.7: Reset pin characteristics: added text regarding the
rest network.
10-Feb-2012
12
Figure 1: STM8S20xxx performance line block diagram: updated
POR/PDR and BOR; updated LINUART input; added legend.
Table 18: General operating conditions: updated VCAP.
Table 26: Total current consumption in halt mode at VDD = 5 V:
updated title, modified existing max column, and added new max
column (at 125 °C) with data.
Table 37: I/O static characteristics: added new condition and new
max values for rise and fall time; added footnote 3; updated typ and
max pull-up resistor values.
Section 10.3.7: Reset pin characteristics: updated cross reference in
text below Figure 35
Table 41: NRST pin characteristics: updated typ and max values of
the NRST pull-up resistor.
Table 58.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com